Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

370LS003NF08 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 370LS003NF08
Description  Water-Tight Cable Sealing Backshell
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

370LS003NF08 Datasheet(HTML) 2 Page - Glenair, Inc.

  370LS003NF08 Datasheet HTML 1Page - Glenair, Inc. 370LS003NF08 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 37 - Page 15
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
1. When maximum cable entry
(page 21) is exceeded, Style 2
will be supplied. Dimensions E,
F, G and H will not apply. Please
consult factory.
2. Metric dimensions (mm) are
indicated in parentheses.
3. Cable range is defined as the
accommodations range for
the wire bundle or cable.
Dimensions shown are not
intended for inspection criteria.
4. Saddles are bottomed on Clamp
Ears.
5. Interface O-Ring not supplied with
Connector Designator A.
6. Consult factory for shorter
lengths on straight backshells.
TABLE III: ELBOW DIMENSIONS
A-F-L-S
08
10
12
14
16
18
20
22
24
28
32
36
Shell Size
Conn. Desig.
H
09
11
13
15
17
19
21
23
25
E
Max
.457 (11.6)
.520 (13.2)
.582 (14.8)
.645 (16.4)
.738 (18.7)
.926 (23.5)
.926 (23.5)
1.020 (25.9)
1.020 (25.9)
1.145 (29.1)
1.207 (30.7)
1.238 (31.4)
G
Max
.500 (12.7)
.595 (15.1)
.610 (15.5)
.700 (17.8)
.885 (22.5)
.975 (24.8)
.975 (24.8)
1.125 (28.6)
1.125 (28.6)
1.225 (31.1)
1.575 (40.0)
1.775 (45.1)
H
Max
1.820 (46.2)
1.940 (49.3)
1.960 (49.8)
2.369 (60.2)
2.459 (62.5)
2.629 (66.8)
2.629 (66.8)
2.802 (71.2)
2.802 (71.2)
2.955 (75.1)
3.205 (81.4)
3.255 (82.7)
F
Max
1.810 (46.0)
1.869 (47.5)
1.929 (49.0)
2.359 (59.9)
2.469 (62.7)
2.659 (67.5)
2.659 (67.5)
2.872 (72.9)
2.872 (72.9)
2.905 (73.8)
3.005 (76.3)
3.315 (84.2)
See inside back cover fold-out or pages 13 and 14 for unabridged Tables I and II.
TABLE V: CABLE ENTRY
Dash
No.
03
04
06
08
10
12
16
20
24
28
32
Max
.219
(5.6)
.312
(7.9)
.438 (11.1)
.531 (13.5)
.625 (15.9)
.750 (19.1)
.938 (23.8)
1.250 (31.8)
1.375 (34.9)
1.625 (41.3)
1.875 (47.6)
Cable Range
Min
.156
(4.0)
.188
(4.8)
.281
(7.1)
.312
(7.9)
.375
(9.5)
.500 (12.7)
.625 (15.9)
.938 (23.8)
1.000 (25.4)
1.250 (31.8)
1.500 (38.1)
M
Max
.812 (20.6)
.937 (23.8)
1.062 (27.0)
1.188 (30.2)
1.312 (33.3)
1.562 (39.7)
1.750 (44.5)
2.250 (57.2)
2.375 (60.3)
2.625 (66.7)
2.812 (71.4)
L
Max
.739 (18.8)
.739 (18.8)
.739 (18.8)
.739 (18.8)
.791 (20.1)
.880 (22.4)
.901 (22.9)
1.031 (26.2)
1.250 (31.8)
1.250 (31.8)
1.312 (33.3)
TABLE iV: CABLE ENTRY
Dash
No.
03
04
06
08
10
12
16
20
24
28
32
J
Max
1.219 (31.0)
1.219 (31.0)
1.219 (31.0)
1.219 (31.0)
1.281 (32.5)
1.281 (32.5)
1.406 (35.7)
1.656 (42.1)
1.906 (48.4)
1.906 (48.4)
2.000 (50.8)
Max
.219
(5.6)
.312
(7.9)
.438 (11.1)
.531 (13.5)
.625 (15.9)
.750 (19.1)
.938 (23.8)
1.250 (31.8)
1.375 (34.9)
1.625 (41.3)
1.875 (47.6)
K
Max
.812 (20.6)
.937 (23.8)
1.062 (27.0)
1.188 (30.2)
1.312 (33.3)
1.562 (39.7)
1.750 (44.5)
2.250 (57.2)
2.375 (60.3)
2.625 (66.7)
2.812 (71.4)
Cable Range
N
Ref
.135
(3.4)
.203
(5.2)
.285
(7.2)
.350
(8.9)
.390
(9.9)
.460 (11.7)
.510 (13.0)
.695 (17.7)
.715 (18.2)
.915 (23.2)
1.070 (27.2)
Min
.156
(4.0)
.188
(4.8)
.281
(7.1)
.312
(7.9)
.375
(9.5)
.500 (12.7)
.625 (15.9)
.938 (23.8)
1.000 (25.4)
1.250 (31.8)
1.500 (38.1)
P
Max
1.031 (26.2)
1.031 (26.2)
1.031 (26.2)
1.031 (26.2)
1.094 (27.8)
1.219 (31.0)
1.219 (31.0)
1.344 (34.1)
1.547 (39.3)
1.547 (39.3)
1.734 (44.0)
TABLE II: STANDARD FINISHES
GLENAIR
SYMBOL
B
C
G
M
NF
FINISH
Cadmium Plate, Olive Drab
Anodize, Black
Hard Coat, Anodic
Electroless Nickel
Cadmium Plate, Olive Drab
Over Electroless Nickel
See Inside Back Cover
for Additional Finish Options
370-003
Water-Tight Cable Sealing Backshell
with Strain Relief
Low Profile - Rotatable Coupling



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com