Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

360FS015XM03 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 360FS015XM03
Description  Composite Non-Environmental Backshell
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

360FS015XM03 Datasheet(HTML) 1 Page - Glenair, Inc.

  360FS015XM03 Datasheet HTML 1Page - Glenair, Inc. 360FS015XM03 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A-34
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2009 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
360-015
Composite Non-Environmental Backshell
with Self-Locking Rotatable Coupling
and Qwik-Clamp Strain-Relief
Cable
Range
H
1.69
(42.9)
Max
Anti-Decoupling
Device
H
Cable
Range
F
E
G
US PATENT 5211576
Connector
Designator
A, F, L, H, G and U
360 H S 015 XO 19 28
Connector
Shell Size
(See Table II)
Dash
Number
(Table IV
Product Series
360 - Non-Environmental Strain Relief
Basic Part
Number
Angle and Profile
S - Straight
W - 90° Elbow
Finish Symbol
(See Table III)
NOTES
Coupling nut supplied unplated.
1.
See Table I in Intro for front-end dimensional details.
2.
Metric dimensions (mm) are in parentheses and are for reference only
3.
CONNECTOR DESIGNATOR:
A MIL-DTL-5015, -26482 Series II, and
-83723 Series I and III
F MIL-DTL-38999 Series I, II
L MIL-DTL-38999 Series 1.5 (JN1003)
H MIL-DTL-38999 Series III and IV
G MIL-DTL-28840
U DG123 and DG123A
SELF-LOCKING
ROTATABLE COUPLING
STANDARD PROFILE


Similar Part No. - 360FS015XM03

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
360FS014XB08 GLENAIR-360FS014XB08 Datasheet
306Kb / 2P
Composite Non-Environmental Backshell
360FS014XB10 GLENAIR-360FS014XB10 Datasheet
306Kb / 2P
Composite Non-Environmental Backshell
360FS014XB11 GLENAIR-360FS014XB11 Datasheet
306Kb / 2P
Composite Non-Environmental Backshell
360FS014XB12 GLENAIR-360FS014XB12 Datasheet
306Kb / 2P
Composite Non-Environmental Backshell
360FS014XB13 GLENAIR-360FS014XB13 Datasheet
306Kb / 2P
Composite Non-Environmental Backshell
More results

Similar Description - 360FS015XM03

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
360AA001M16 GLENAIR-360AA001M16 Datasheet
123Kb / 2P
Non-Environmental Backshell
360AA002M16 GLENAIR-360AA002M16 Datasheet
143Kb / 2P
Non-Environmental Backshell
360GH003B17 GLENAIR-360GH003B17 Datasheet
126Kb / 2P
Non-Environmental Backshell
360AH017B08 GLENAIR-360AH017B08 Datasheet
85Kb / 2P
Non-Environmental Backshell
360AS014XB08 GLENAIR-360AS014XB08 Datasheet
306Kb / 2P
Composite Non-Environmental Backshell
370AS016XB08 GLENAIR-370AS016XB08 Datasheet
334Kb / 2P
Composite Cable-Sealing Environmental Backshell
370AS017XB08 GLENAIR-370AS017XB08 Datasheet
309Kb / 2P
Composite Cable-Sealing Environmental Backshell
380AM009B08 GLENAIR-380AM009B08 Datasheet
100Kb / 2P
EMI/RFI Non-Environmental Backshell
380AD010B08 GLENAIR-380AD010B08 Datasheet
80Kb / 2P
EMI/RFI Non-Environmental Backshell
380AH019B08 GLENAIR-380AH019B08 Datasheet
82Kb / 2P
EMI/RFI Non-Environmental Backshell
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com