Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

377HT014XM23 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 377HT014XM23
Description  Composite Thermoplastic Backshell
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

377HT014XM23 Datasheet(HTML) 2 Page - Glenair, Inc.

  377HT014XM23 Datasheet HTML 1Page - Glenair, Inc. 377HT014XM23 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
I-7
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2006 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
TABLE III: FINISH
SYM
MATERIAL
FINISH
–
Composite
No Plating
XB
Composite
No Plating, Black Color
XM
Composite
Electroless Nickel - Backshell, No Plating on Coupling Nut
or Rear Entry Components – Amber Color
XW
Composite
Cadmium Plate/Olive Drab over Electroless Nickel Backshell
No Plating on Coupling Nut or Rear Components – Amber Color
APPLICATION NOTES
1. Assembly identified with manufacturer’s name and P/N, space permitting.
2. Glenair 600 series Backshell assembly tools are recommended for assembly and installation.
3 Standard min. order length 1.5 inch, consult factory for shorter lengths.
4 For sealing plugs see Glenair drawing 687-142.
5. Material:
Adapters, Elbows, Ferrules, Coupling Nut, Nut: Hi- Grade Engineering thermoplastic/ see Table III
Grommet, O-Ring: Fluorosilicone/ N.A.
Anti-Rotation Device: Corrosion Resistant Material/ N.A.
6. Metric dimensions (mm) are indicated in parentheses.
TABLE II: ENTRY SIZE
Entry
Size
C
Ref
Optional
Conduit Size Ref
03
.219 (5.6)
9/32
04
.236 (6.0)
5/32
05
.250 (6.4)
3/8
06
.338 (8.6)
7/16
07
.394 (10.0)
1/2
08
.519 (13.2)
5/8
10
.644 (16.4)
3/4
11
.644 (16.4)
3/4
13
.772 (19.6)
7/8
15
.894 (22.7)
1
17
1.102 (28.0)
1 - 1/4
377-014
Composite Thermoplastic Backshell
for Fiber Optic MIL-DTL-38999 Series III & IV Connectors
TABLE I: SHELL SIZE
Shell
Size
A Thread
ISO Metric
B
Max
Standard
Conduit Size
D
Max
E
Max
F
Max
G
Max
H
Approx.
Insert
Ident
No. of
Holes
11
M15 x 1 - 6H 1.000 (25.4)
3/8
1.780 (45.2) 1.930 (49.0) 1.330 (33.8) 1.560 (39.6) 2.230 (56.6)
11-2
2
13
M18 x 1 - 6H 1.120 (28.4)
7/16
1.840 (46.7) 1.980 (50.3) 1.390 (35.3) 1.620 (41.1) 2.280 (57.9)
13-4
4
15
M22 x 1 - 6H 1.250 (31.8)
1/2
1.900 (48.3) 2.080 (52.8) 1.450 (36.8) 1.680 (42.7) 2.450 (62.2)
15-5
5
17
M25 x 1 - 6H 1.380 (35.1)
5/8
1.970 (50.0) 2.140 (54.4) 1.510 (38.4) 1.740 (44.2) 2.470 (62.7)
17-8
8
19
M28 x 1 - 6H 1.500 (38.1)
3/4
2.110 (53.6) 2.180 (55.4) 1.540 (39.1) 1.770 (45.0) 2.540 (64.5)
19-11
11
21
M31 x 1 - 6H 1.620 (41.0)
7/8
2.070 (52.6) 2.250 (57.2) 1.160 (40.9) 1.840 (46.7) 2.640 (67.1)
21-16
16
23
M34 x 1 - 6H 1.750 (44.5)
1
2.140 (54.4) 2.310 (58.7) 1.670 (42.4) 1.890 (48.0) 2.760 (70.1)
23-21
21
25
M37 x 1 - 6H 1.880 (47.8)
1
2.190 (55.6) 2.190 (55.6) 1.730 (43.9) 1.960 (49.8) 2.840 (72.1)
25-29
29
25-8
M37 x 1 - 6H 1.880 (47.8)
1 - 1/4
2.190 (55.6) 2.190 (55.6) 1.730 (43.9) 1.960 (49.8) 2.840 (72.1)
25-8
8
25-37 M37 x 1 - 6H 1.880 (47.8)
1 - 1/4
2.190 (55.6) 2.190 (55.6) 1.730 (43.9) 1.960 (49.8) 2.840 (72.1)
25-37
37
TABLE I: SHELL SIZE (CONTINUED)
Shell
Size
A Thread
ISO Metric
B
Max
Standard
Conduit Size
J
Approx.
K
Ref
L
Flats
M
Ref
N
Max
Insert
Ident
No. of
Holes
11
M15 x 1 - 6H 1.000 (25.4)
3/8
2.090 (53.1) 1.200 (30.5)
.938 (23.8)
.320 (81.3)
1.380 (35.1)
11-2
2
13
M18 x 1 - 6H 1.120 (28.4)
7/16
2.210 (56.1) 1.260 (32.0)
.938 (23.8)
.540 (13.7)
1.380 (35.1)
13-4
4
15
M22 x 1 - 6H 1.250 (31.8)
1/2
2.330 (59.2) 1.320 (33.5)
.938 (23.8)
.540 (13.7)
1.380 (35.1)
15-5
5
17
M25 x 1 - 6H 1.380 (35.1)
5/8
2.440 (62.0) 1.380 (35.1) 1.250 (31.8)
.760 (19.3)
1.560 (39.6)
17-8
8
19
M28 x 1 - 6H 1.500 (38.1)
3/4
2.500 (63.5) 1.430 (36.3) 1.250 (31.8)
.760 (19.3)
1.560 (39.6)
19-11
11
21
M31 x 1 - 6H 1.620 (41.0)
7/8
2.640 (67.1) 1.490 (37.8) 1.500 (38.1) 1.000 (25.4) 1.810 (46.0)
21-16
16
23
M34 x 1 - 6H 1.750 (44.5)
1
2.750 (69.9) 1.550 (39.4) 1.500 (38.1) 1.000 (25.4) 1.810 (46.0)
23-21
21
25
M37 x 1 - 6H 1.880 (47.8)
1
2.870 (72.9) 1.620 (41.1) 1.812 (46.0) 1.270 (32.3) 2.120 (53.8)
25-29
29
25-8
M37 x 1 - 6H 1.880 (47.8)
1 - 1/4
2.870 (72.9) 1.620 (41.1) 1.812 (46.0) 1.270 (32.3) 2.120 (53.8)
25-8
8
25-37 M37 x 1 - 6H 1.880 (47.8)
1 - 1/4
2.870 (72.9) 1.620 (41.1) 1.812 (46.0) 1.270 (32.3) 2.120 (53.8)
25-37
37



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com