Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP8701 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EP8701
Description  14 Pin DIP 5 Tap TTL Compatible High Speed Active Delay Lines
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EP8701 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EP8701 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
14 Pin DIP 5 Tap TTL Compatible
High Speed Active Delay Lines
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
EP87XX & EP87XX-RC
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CS87XX
Rev. B
11/14/05 RR
Schematic
Package
Add “-RC” after part number for RoHS Compliant
Tap Delays
(†±5% or ± 2nS)
5, 10, 15, 20
6, 12, 18, 24
7, 14, 21, 28
8, 16, 24, 32
9, 18, 27, 36
10, 20, 30, 40
12, 24, 36, 48
15, 30, 45, 60
20, 40, 60, 80
25, 50, 75, 100
30, 60, 90, 120
35, 70, 105, 140
40, 80, 120, 160
45, 90, 135, 180
50, 100, 150, 200
60, 120, 180, 240
70, 140, 210, 280
Total Delay
(†±5% or ± 2nS)
25
30
35
40
45
50
60
75
100
125
150
175
200
225
250
300
350
PCA
Part Number
EP8708(-RC)
EP8718(-RC)
EP8722(-RC)
EP8709(-RC)
EP8723(-RC)
EP8710(-RC)
EP8730(-RC)
EP8724(-RC)
EP8731(-RC)
EP8725(-RC)
EP8729(-RC)
EP8726(-RC)
EP8732(-RC)
EP8727(-RC)
EP8733(-RC)
EP8728(-RC)
Tap Delays
(†±5% or ± 2nS)
80, 160, 240, 320
84, 168, 252, 336
88, 176, 264, 352
90, 180, 270, 360
94, 188, 282, 376
100, 200, 300, 400
110, 220, 330, 440
120, 240, 360, 480
130, 260, 390, 520
140, 280, 420, 560
150, 300, 450, 600
160, 320, 480, 640
170, 340, 510, 680
180, 360, 540, 720
190, 380, 570, 760
200, 400, 600, 800
Total Delay
(†±5% or ± 2nS)
400
420
440
450
470
500
550
600
650
700
750
800
850
900
950
1000
PCA
Part Number
EP8700(-RC)
EP8713(-RC)
EP8714(-RC)
EP8715(-RC)
EP8716(-RC)
EP8701(-RC)
EP8711(-RC)
EP8717(-RC)
EP8702(-RC)
EP8719(-RC)
EP8703(-RC)
EP8720(-RC)
EP8704(-RC)
EP8721(-RC)
EP8705(-RC)
EP8706(-RC)
EP8707(-RC)
†Whichever is greater. Delay times referenced from input to leading and trailing edges at 25°C, 5.0V, with no load.
Recommended Operating Conditions
VCC Supply Voltage
VIH
High-Level Input Voltage
VIL
Low-Level Input Voltage
IIK
Input Clamp Current
IOH
High-Level Output Current
IOL
Low-Level Output Current
PW*
Pulse Width of Total Delay
d*
Duty Cycle
TA
Operating Free-Air Temperature
Min.
4.75
2.0
40
-55
Max.
5.25
0.8
-18
-1.0
20
40
+125
Unit
V
V
V
mA
mA
mA
%
%
°C
*These two values are inter-dependent.
Input Pulse Test Conditions @ 25° C
EIN
Pulse Input Voltage
PW
Pulse Width % of Total Delay
TRI
Pulse Rise Time (0.75 - 2.4 Volts)
PRR Pulse Repetition Rate @ Td ≤ 200 nS
Pulse Repetition Rate @ Td > 200 nS
VCC Supply Voltage
3.2
110
2.0
1.0
100
5.0
Unit
Volts
%
nS
MHz
KHz
Volts
DC Electrical Characteristics
Parameter
Test Conditions
VOH High-Level Output Voltage
VCC = min. VIL= max. IOH = max
VOL
Low-Level Output Voltage
VCC = min. VIH = min. IOL= max
VIK
Input Clamp Voltage
VCC = min. II = II K
IIH
High-Level Input Current
VCC = max. VIN = 2.7V
VCC = max. VIN = 5.25V
IIL
Low-Level Input Current
VCC = max. VIN = 0.5V
IOS
Short Circuit Output Current
VCC = max. V OUT = 0.
Min.
2.7
-40
(One output at a time)
ICCH High-Level Supply Current
VCC = max. VIN = OPEN
ICCL Low-Level Supply Current
VCC = max. VIN = 0
TRO
Output Rise Time
Td
≤ 500 nS (0.75 to 2.4 Volts)
Td > 500 nS
Max.
0.5
-1.2
50
1.0
-2
-100
75
75
4
5
NH
Fanout High-Level Output
VCC = max. V OH = 2.7V
20 TTL Load
NL
Fanout Low-Level Output
VCC = max. V OL = 0.5V
10 TTL Load
Unit
V
V
V
µA
mA
mA
mA
nS
nS
mA
mA
12
4
10
6
8
1
7
OUTPUT
GROUND
INPUT
14
VCC
.365
Max.
.780 Max.
.280
Max.
PCA
EP87XX
Date Code
.010
Typ.
.150 Typ.
.020
Min.
.250
Max.
.020
Typ.
White Dot
Pin#1
.100
.300
.200
Notes :
2. Peak Solder Rating
(per IPC/JESD22-B106-B)
4. Weight
1. Assembly Process
(Solder Composition)
(Leadframe)
(Assembly Solder)
5. Packaging Information
(Tube)
EP87XX-RC
260°C
10 (+2/-0) seconds
1.3 grams
SnPb
(RoHS exemption 7a)
Sn
27 pieces/tube
EP87XX
260°C
10 (+2/-0) seconds
1.3 grams
SnPb
SnPb
27 pieces/tube


Similar Part No. - EP8701

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EP8701(-RC) PCA-EP8701(-RC) Datasheet
21Kb / 1P
14 Pin DIP 5 Tap TTL Compatible High Speed Active Delay Lines
More results

Similar Description - EP8701

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EP8301 PCA-EP8301 Datasheet
23Kb / 1P
14 Pin DIP 10 Tap TTL Compatible Active Delay Lines
EP8200-HL PCA-EP8200-HL Datasheet
21Kb / 1P
14 Pin DIP 5 Tap Low Profile TTL Compatible Active Delay Lines
EP9300 PCA-EP9300 Datasheet
43Kb / 1P
14 Pin DIP 5 Tap Low-Profile TTL Compatible Active Delay Lines
EPA1145-4 PCA-EPA1145-4 Datasheet
23Kb / 1P
14 Pin DIP 5 Tap Fast-TTL Logic Compatible Active Delay Lines
EPA1220HL-25 PCA-EPA1220HL-25 Datasheet
23Kb / 1P
14 Pin DIP 5 Tap TTL Compatible High Speed Active Delay Lines
EPA619-50 PCA-EPA619-50 Datasheet
24Kb / 1P
14 Pin DIP 10 Tap TTL Compatible Active Delay Lines
EP87XX PCA-EP87XX_15 Datasheet
21Kb / 1P
14 Pin DIP 5 Tap TTL Compatible High Speed Active Delay Lines
EP93XX PCA-EP93XX_15 Datasheet
43Kb / 1P
14 Pin DIP 5 Tap Low-Profile TTL Compatible Active Delay Lines
EP8270-92 PCA-EP8270-92_15 Datasheet
22Kb / 1P
14 Pin DIP 5 Tap Low Power TTL Compatible Active Delay Lines
EPA1145 PCA-EPA1145_15 Datasheet
23Kb / 1P
14 Pin DIP 5 Tap Fast-TTL Logic Compatible Active Delay Lines
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com