Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP19829-RC Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EP19829-RC
Description  14 Pin DIP Passive Delay Lines
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EP19829-RC Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EP19829-RC Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
14 Pin DIP Passive Delay Lines
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
EP198XX & EP198XX-RC
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CS198XX & -RC
Rev. -
3/2/06 RR
Add “-RC” after part number for RoHS Compliant
Delay
(†±5% or
± 2nS)
16
20
24
50
100
125
30
35
37
40
47
50
Tap
Delays
(nS)
1.6 ± 0.6
2.0 ± 0.6
2.4 ± 0.6
5.0 ± 2
10.0 ± 2
12.5 ± 2
3.0 ± 0.6
3.5 ± 0.8
3.7 ± 0.8
4.0 ± 1
4.7 ± 1
5.0 ± 2
PCA
Part
Number
EP19830(-RC)
EP6889(-RC)
EP19831(-RC)
EP19821(-RC)
EP19822(-RC)
EP19823(-RC)
EP8684(-RC)
EP19833(-RC)
EP19834(-RC)
EP7179(-RC)
EP19835(-RC)
EP19824(-RC)
†Whichever is greater.
Recommended Operating Conditions Min.
Max.
Unit
PW*
Pulse Width % of Total Delay
D*
Duty Cycle
TA
Operating Free-Air Temperature
200
0
40
+70
%
%
°C
*These two values are inter-dependent.
Input Pulse Test Conditions @ 25° C
VIN
Pulse Input Voltage
PW
Pulse Width % of Total Delay
TRI
Input Rise Time (10-90%)
PRR Pulse Repetition Rate @ Td ≤ 150 nS
Pulse Repetition Rate @ Td > 150 nS
3.0
300
2.0
1.0
300
Unit
Volts
%
nS
MHz
KHz
Notes :
2. Peak Solder Rating
4. Weight
3. Moisture Sensitive Levels (MSL)
1. Lead Finish
(Leadframe)
(Assembly Solder)
5. Packaging Information
(Tube)
EP198XX-RC
260°C
TBD grams
4
(72 hours,
≤30°C/60%RH)
SnPb
(RoHS exemption 7a)
Matte Tin
27 pieces/tube
EP198XX
245°C
TBD grams
3
(168 hourss,
≤30°C/60%RH)
SnPb
SnPb
27 pieces/tube
EP19836(-RC)
EP8476(-RC)
EP19825(-RC)
EP19826(-RC)
EP19827(-RC)
EP19828(-RC)
EP19829(-RC)
EP19838(-RC)
EP19839(-RC)
EP19840(-RC)
EP19841(-RC)
EP19842(-RC)
PCA
Part
Number
Zo
Ω
(± 10%)
50
50
50
50
50
50
100
100
100
100
100
100
Rise
Time
(nS Max.)
3.0
3.5
4.5
8.5
17.0
21.0
5.5
6.0
6.0
8.0
8.0
8.5
Atten.
(% Max.)
1.6
1.6
1.6
1.6
3.8
6.5
2.0
2.0
2.0
2.0
2.0
2.0
Delay
(†±5% or
± 2nS)
60
75
100
125
150
200
250
68
75
80
95
120
Tap
Delays
(†±5% or
± 2nS)
6.0
7.5
10.0
12.5
15.0
20.0
25.0
6.8
7.5
8.0
9.5
12.0
Zo
Ω
(± 10%)
100
100
100
100
100
100
100
200
200
200
200
200
Rise
Time
(nS Max.)
11
15
17
21
25
34
42
12
13
14
17
21
Atten.
(% Max.)
2.0
4.0
4.0
7.0
8.0
10.0
12.0
10.0
10.0
10.0
10.0
10.0
Package
PCA
EP198XX(-RC)
Date Code
.800 Max.
(20.32)
.010
Typ.
(.254)
.280
Max.
(7.11)
.100
(2.54)
.365 Max.
(9.27)
.120 (3.05)
.020 Typ.
(.508)
Pin 1
I.D.
.250 Max.
(6.35)
.020 Typ.
(.508)
.600
(15.24)
DC Electrical Characteristics
Unit
Distortion
Temperature Coefficient of Delay
Insulation Resistance @ 100 Vdc
Dielectric Strength
± 10
100
---
100
%
PPM/°C
Meg
Ω
Vdc
---
---
1000
---
Max.
Min.
Schematic
4
5
6
7/8
9
10 11 12
13
3
2
1
OUT
GROUND
IN
14


Similar Part No. - EP19829-RC

ManufacturerPart #DatasheetDescription
logo
NEC
EP1 NEC-EP1 Datasheet
926Kb / 7P
Miniature Relays
logo
TE Connectivity Ltd
EP1 TEC-EP1 Datasheet
214Kb / 3P
Dual stage filter offers high insertion loss
logo
Vishay Siliconix
EP1 VISHAY-EP1 Datasheet
280Kb / 8P
Wet Tantalum Capacitors, High Energy, Ultra High Capacitance, -55 °C to 125 °C Operation
23-Mar-2021
EP1 VISHAY-EP1 Datasheet
467Kb / 10P
Wet Tantalum Capacitors, High Energy, Ultra High Capacitance, -55 °C to 125 °C Operation
13-Sep-2022
logo
NEC
EP1-3L1 NEC-EP1-3L1 Datasheet
193Kb / 12P
AUTOMOTIVE RELAYS (Twin, Single) Relays
More results

Similar Description - EP19829-RC

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S469-0005-XX BEL-S469-0005-XX Datasheet
49Kb / 1P
10 TAP 14 PIN DIP PASSIVE DELAY MODULES
logo
RCD COMPONENTS INC.
SMP1410A-10NS-50R RCD-SMP1410A-10NS-50R Datasheet
96Kb / 1P
PASSIVE DIP DELAY LINES, TAPPED
logo
PCA ELECTRONICS INC.
EP6400-1 PCA-EP6400-1 Datasheet
22Kb / 1P
14 Pin DIP Passive Delay Lines
EP6700-1 PCA-EP6700-1 Datasheet
24Kb / 1P
14 Pin Single-in-Line Package Passive Delay Lines
EPA059-20A PCA-EPA059-20A Datasheet
39Kb / 1P
24 Pin DIP Passive Delay Lines
EPA3756G-5 PCA-EPA3756G-5 Datasheet
23Kb / 1P
14 Pin Auto-Insertable/SMD Passive Delay Lines
EP6400 PCA-EP6400_15 Datasheet
22Kb / 1P
14 Pin DIP Passive Delay Lines
EP6700 PCA-EP6700_15 Datasheet
24Kb / 1P
14 Pin Single-in-Line Package Passive Delay Lines
EPA059-060-061 PCA-EPA059-060-061_15 Datasheet
39Kb / 1P
24 Pin DIP Passive Delay Lines
EPA3756-XX PCA-EPA3756-XX_15 Datasheet
23Kb / 1P
14 Pin Auto-Insertable/SMD Passive Delay Lines
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com