Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA1117API00 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KIA1117API00
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA1117API00 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KIA1117API00 Datasheet HTML 1Page - KEC(Korea Electronics) KIA1117API00 Datasheet HTML 2Page - KEC(Korea Electronics) KIA1117API00 Datasheet HTML 3Page - KEC(Korea Electronics) KIA1117API00 Datasheet HTML 4Page - KEC(Korea Electronics) KIA1117API00 Datasheet HTML 5Page - KEC(Korea Electronics) KIA1117API00 Datasheet HTML 6Page - KEC(Korea Electronics) KIA1117API00 Datasheet HTML 7Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2009. 3. 2
2/7
Revision No : 0
VIN
VIN
10
µF
R2
768
VOUT
VOUT
VIN
VIN
VOUT
VOUT
GND
10
µF
10
µF
ADJ
10
µF
R1
124
VIN
VIN
VOUT
VOUT
10
µF
10
µF
GND
1~3
KIA1117API00~KIA1117API50
Fig.1 Application Circuit-1 (Fixed-Type)
Fig.2 Application Circuit-2 (Adjustable-Type)
ELECTRICAL CHARACTERISTICS
KIA1117API00 (Unless otherwise specified, Tj=-30~125
)
CHARACTERISTIC
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Output Voltage
VOUT1
VIN=VOUT+1.5V, IOUT=10mA, Tj=25
VOUT 0.98
VOUT
VOUT 1.02
V
VOUT2
10mA
IOUT 1A, VOUT+1.5V VIN 10V
VOUT 0.97
VOUT
VOUT 1.03
Line Regulation
Reg Line
VOUT+1.5V VIN 10V, IOUT=10mA
-
1
10
mV
Load Regulation
Reg Load
10mA
IOUT 1A, VIN=VOUT+2.0V
-
0.5
1
%
Quiescent Current
IB1
VIN=VOUT+1.25V, IOUT=0A
-
2.5
5
mA
IB2
VIN=10V, IOUT=0A
-
2.5
5
Adjustable Pin Current
IADJ
VIN=VOUT+1.5V
-
35
-
A
Minimum Load Current
IMIN
VIN=VOUT+1.5V
10
-
-
mA
Output Noise Voltage
VNO
VIN=VOUT+1.25V, IOUT=40mA,
10Hz
f
10kHz
-
100
-
Vrms
Sort Circuit Current Limit
ISC
VIN=VOUT+2.0V
1.1
-
-
A
Ripple Rejection
R
R
IOUT=40mA, f=120Hz, Vripple=1Vp-p
VIN=VOUT+3V
60
80
-
dB
Dropout Voltage
VD
IOUT=1A, VIN=0.95VOUT
-
1.1
1.4
V
Temperature Stability
TCVO
VIN=VOUT+1.5V, IOUT=10mA
-
0.5
-
%
VOUT=VREF (1+R2/R1) + IADJ R2
Fig.3 Application Circuit-3 (With MLCC)
•When using a ceramic capacitor,
set an additional series resister 1~3Ω for stability.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com