Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPA1069 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPA1069
Description  T1/CEPT/ISDN-PRI Carrier Interface Transformers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA1069 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPA1069 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
T1/CEPT/ISDN-PRI
Carrier Interface Transformers
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Isolation at PBX and Terminals
• Single Package Configuration
• 1500 Vrms Isolation
EPA1064-EPA1070
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSA1064-CSA1070
Rev. 2
7/21/03
OCL
(mH Min.)
1.20
2.00
1.20
1.20
1.20
1.20
2.00
Leakage
Inductance
(µH Max.)
0.50
0.50
0.50
0.80
0.80
0.55
1.50
1:1:1
1:1:1
1:1
1CT:1
1:1.36
1CT:2CT
2CT:1CT
Turns Ratio
(± 5%)
PCA
Part
Number
EPA1064
EPA1065
EPA1066
EPA1067
EPA1068
EPA1069
EPA1070
0.70 & 0.70
0.70
0.70
0.70
0.80
1.20
0.40
25
40
25
25
35
30
30
Interwinding
Capacitance
(pF Max.)
DCR
(
Ω Max.)
0.70
0.70
0.70
0.70
0.70
0.70
0.70
Schematic
B
B
A
D
A
C
C
1
2
5
6
Schematic A
Package
Schematic B
5
6
1
2
3
4
1
3
2
6
5
1
3
2
4
56
Schematic C
Schematic D
2
1
PCA
EPA10XX
D.C.
5
.350
(8.89)
.490
(12.45)
.395/.405
(10.03/10.29)
.075/.085
(1.90/2.16)
.240
(6.10)
.100
(2.54)
.200
(5.08)
.017/.023
(.412/.584)
6
••


Similar Part No. - EPA1069

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA1071 PCA-EPA1071 Datasheet
91Kb / 1P
T1/CEPT/ISDN-PRI Carrier Interface Transformers
EPA1072 PCA-EPA1072 Datasheet
91Kb / 1P
T1/CEPT/ISDN-PRI Carrier Interface Transformers
EPA1073 PCA-EPA1073 Datasheet
91Kb / 1P
T1/CEPT/ISDN-PRI Carrier Interface Transformers
EPA1074 PCA-EPA1074 Datasheet
91Kb / 1P
T1/CEPT/ISDN-PRI Carrier Interface Transformers
More results

Similar Description - EPA1069

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA1071 PCA-EPA1071 Datasheet
91Kb / 1P
T1/CEPT/ISDN-PRI Carrier Interface Transformers
EPR1011E PCA-EPR1011E Datasheet
35Kb / 1P
T1/CEPT/ISDN-PRI Interface Transformers
EPR1001 PCA-EPR1001 Datasheet
125Kb / 1P
T1/CEPT/ISDN-PRI Interface Transformers
EPR1026 PCA-EPR1026 Datasheet
54Kb / 1P
T1/CEPT/ISDN-PRI Interface Transformers
EPR1035E PCA-EPR1035E Datasheet
38Kb / 1P
T1/CEPT/ISDN-PRI Interface Transformers
EPR1051G PCA-EPR1051G Datasheet
39Kb / 1P
T1/E1/CEPT/ISDN-PRI Interface Transformers
EPR1076S PCA-EPR1076S Datasheet
36Kb / 1P
T1/CEPT/ISDN-PRI Interface Transformers
EPR1100S PCA-EPR1100S Datasheet
88Kb / 1P
T1/CEPT/ISDN-PRI Interface Transformers
EPR1401G PCA-EPR1401G Datasheet
23Kb / 1P
T1/E1/CEPT/ISDN-PRI Interface Transformers
logo
Bothhand USA, LP.
S8677 BOTHHAND-S8677 Datasheet
77Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com