Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA1117API18 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KIA1117API18
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA1117API18 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KIA1117API18 Datasheet HTML 1Page - KEC(Korea Electronics) KIA1117API18 Datasheet HTML 2Page - KEC(Korea Electronics) KIA1117API18 Datasheet HTML 3Page - KEC(Korea Electronics) KIA1117API18 Datasheet HTML 4Page - KEC(Korea Electronics) KIA1117API18 Datasheet HTML 5Page - KEC(Korea Electronics) KIA1117API18 Datasheet HTML 6Page - KEC(Korea Electronics) KIA1117API18 Datasheet HTML 7Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2009. 3. 2
1/7
Revision No : 0
SEMICONDUCTOR
TECHNICAL DATA
KIA1117API00~
KIA1117API50
BIPOLAR LINEAR INTEGRATED CIRCUIT
LOW DROP FIXED AND ADJUSTABLE
POSITIVE VOLTAGE REGULATOR
The KIA1117API
is a Low Drop Voltage Regulator able
to provide up to 1A of output current, available even in adjustable
version (Vref=1.25V)
FEATURES
Low Dropout Voltage : 1.1V/Typ. (Iout=1.0A)
Very Low Quiescent Current : 2.5
/Typ.
Output Current up to 1A
Fixed Output Voltage of 1.5V, 1.8V, 2.5V, 2.85V, 3.3V, 5.0V
Adjustable Version Availability : Vref=1.25V
Internal Current and Thermal Limit
A Minimum of 10
for stability
Available in
2%(at 25
)
High Ripple Rejection : 80dB/Typ
Temperature Range : -30
125
DIM
MILLIMETERS
1. GND (Adj.)
2. OUTPUT
3. INPUT
TO-220IS
10.30 MAX
15.30 MAX
2.70 0.30
0.85 MAX
Φ3.20 0.20
3.00 0.30
A
B
C
D
E
F
G12.30 MAX
0.75 MAX
H
13.60 0.50
3.90 MAX
1.20
1.30
2.54
4.50 0.20
6.80
2.60
0.20
10
J
K
L
M
N
O
P
Q
R
1
2
3
L
N
M
D
N
T
T
H
E
R
T
V
S
L
U
T
S
0.5
5
25
2.60
0.15
V
U
D
A
C
+
_
+
_
+
_
+
_
+
_
+
_
+
_
LINE UP
ITEM
OUTPUT VOLTAGE (V)
PACKAGE
KIA1117API00
Adjustable (1.25~10V)
API : TO-220IS
KIA1117API15
1.5
KIA1117API18
1.8
KIA1117API25
2.5
KIA1117API28
2.85
KIA1117API33
3.3
KIA1117API50
5.0
MAXIMUM RATINGS (Ta=25
)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Input Voltage
VIN
10
V
Output Current
IOUT
1.0
A
Power Dissipation 1
(No Heatsink)
PD1
2.0
W
Power Dissipation 2
(Infinite Heatsink)
PD2
20.8
W
Operating Temperature
Topr
-30
125
Storage Temperature
Tstg
-55
150


Similar Part No. - KIA1117API18

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA1117BF KEC-KIA1117BF Datasheet
939Kb / 5P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA1117BPI00 KEC-KIA1117BPI00 Datasheet
939Kb / 5P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA1117BPI12 KEC-KIA1117BPI12 Datasheet
939Kb / 5P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA1117BPI15 KEC-KIA1117BPI15 Datasheet
939Kb / 5P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA1117BPI18 KEC-KIA1117BPI18 Datasheet
939Kb / 5P
BIPOLAR LINEAR INTEGRATED CIRCUIT
More results

Similar Description - KIA1117API18

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7127LSF AUK-S7127LSF Datasheet
94Kb / 4P
Bipolar Linear Integrated Circuit
logo
Toshiba Semiconductor
TA8233BHQ TOSHIBA-TA8233BHQ Datasheet
1Mb / 14P
Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78MR05PI KEC-KIA78MR05PI Datasheet
1Mb / 8P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78R000F KEC-KIA78R000F Datasheet
103Kb / 10P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF_13 Datasheet
451Kb / 20P
BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com