Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPA2188B Datasheet(PDF) 2 Page - PCA ELECTRONICS INC.

Part # EPA2188B
Description  10 Base-T Multiport Module with Enhanced Common Mode Attenuation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA2188B Datasheet(HTML) 2 Page - PCA ELECTRONICS INC.

  EPA2188B Datasheet HTML 1Page - PCA ELECTRONICS INC. EPA2188B Datasheet HTML 2Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The circuit below is a guideline for interconnecting PCA’s EPA2188B with National chips as a reference controller. Further
details of system design, such as chip pin-out, etc. can be obtained from the specific chip manufacturer.
Typical insertion loss of the isolation transformer/filter is 0.7dB. This parameter covers the entire spectrum of the encoded
signals in 10 Base-T protocols. However, the predistortion resistor network introduces some loss which has to be taken
into account in determining how well your design meets the Standard Template requirements. Additionally, note that NSC
suggest using lower values for the resistors to provide more optimum amplitude control as would be required when driving
lon cables or of varied quality unknown to the designer. Both values are shown here for your convenience. Users are
encouraged to verify which network best suits their needs with the chip manufacturer before choosing one or the other.
For the first case, a quick calculation of the effective Thevenin’s termination impedance for the filter follows:
1/R(termination)= 95
Ω.
In the second case, one gets about the same values assuming RACT ≈ 7Ω. Thus, when measuring the return loss of these
parts on the bench, it is necessary to provide a shunting resistor of approximatively 5
Ω representing the four 5Ω output
signal sources.
Note that some systems have auto polarity detection and some do not. If not, be certain to follow the proper polarity.
It is recommended that system designers ground the chip side center taps via a low voltage capacitor. Taking the cable
side center taps to chassis via capacitors, is not recommended, as this will add cost without containing EMI. This may
worsen EMI, specifically if the primary “common mode termination” is pulled to ground as shown.
The phantom resistors shown around the RJ45 connector have been known to suppress unwanted radiation that unused
wires pick up from the immediate environment. Their placement and use are to be considered carefully before a design is
finalized.
It is recommended that there be a neat separation of ground planes in the layout. It is generally accepted practice to limit
the plane off at least 0.08 inches away from the chip side pins of EPA2188B. There need not be any ground plane beyond
this point.
For best results, PCB designer should design the outgoing traces preferably to be 50
Ω, balanced and well coupled to
achieve minimum radiation from these traces.
CSA2188Bb Rev. -
10/7/96
10 Base-T Multiport Module with
Enhanced Common Mode Attenuation
Typical Application Circuit for UTP (Only one port shown)
E L E C T R O N I C S I N C .
Notes : * Pin-outs shown are for multiport, DCE configurations : e.g. Hubs, Repeaters
EPA2188B
RIC
RJ45*
3
6
2
1
TX+
TXd+
RX+
RX-
EPA2188B
TX+
TX-
RX+
RX-
TX-
TXd-
Chassis
Ground
8
7
45
62
60
56
58
86
1
2
5
7
3
4
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com