Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CEPC105 Datasheet(PDF) 2 Page - Sumida Corporation

Part # CEPC105
Description  General Power Transformer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CEPC105 Datasheet(HTML) 2 Page - Sumida Corporation

  CEPC105 Datasheet HTML 1Page - Sumida Corporation CEPC105 Datasheet HTML 2Page - Sumida Corporation CEPC105 Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
General Power Transformer < SMD Type: CEPC Series>
Type: CEPC105 (C8211)
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/3
◆
Specification (Part No. C8211)
ITEM
SPECIFICATION
MEASURING CONDITIONS
INDUCTANCE
(3-4)
3.38μH MAX.
100kHz/ 0.1V, 0A
INDUCTANCE
(3-4)
2.7μH MIN.
100kHz/ 0.1V, 6A (For 0.25 sec.)
LEAKAGE INDUCTANCE
(3-4)
0.1μH MAX.
100kHz, 0.1V TIE (1+2+7+8)
D.C.R
(1-8)
380mΩ MAX.
D.C.R
(3-4)
100mΩ MAX.
D.C.R
(8-2)
400mΩ MAX.
D.C.R
(2-7)
450mΩ MAX.
HI-POT
(3,4,5)-(1,2,7,8)
AC 500Vrms
1mA, 1S, 50/60Hz
HI-POT
(1,2,3,4,5,7,8)-CORE
AC 500Vrms
1mA, 1S, 50/60Hz
TURNS RATIO
(1-8):(2-7)
1.03±7%
100kHz/ 0.1V
TURNS RATIO
(1-8):(8-2)
1.04±7%
100kHz/ 0.1V
TURNS RATIO
(1-8):(3-5)
2.77±7%
100kHz/ 0.1V
TURNS RATIO
(1-8):(5-4)
2.75±7%
100kHz/ 0.1V
◆
Recommendation Reflow Condition
300
0
0
100
150
200
250
300
50
T( ℃)
T(s)
60
120
180
240
170±10 ℃、60 ~ 120s
40s
230 ℃
245 ℃
PE AK
300
60
120
180
240
0
0
100
150
200
250
300
50
10
T( ℃)
T( s)
60
260℃
230℃
Heat Endurance Test
Temperature Chart
300
0
0
100
150
200
250
300
50
T( ℃)
T(s)
60
120
180
240
300
0
0
100
150
200
250
300
50
T( ℃)
T(s)
60
120
180
240
170±10 ℃、60 ~ 120s
40s
230 ℃
245 ℃
PE AK
300
60
120
180
240
0
0
100
150
200
250
300
50
10
T( ℃)
T( s)
60
260℃
230℃
Heat Endurance Test
Temperature Chart



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com