Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPFC8D55/MS Datasheet(PDF) 2 Page - Sumida Corporation

Part # CPFC8D55/MS
Description  Common Mode Choke
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CPFC8D55/MS Datasheet(HTML) 2 Page - Sumida Corporation

  CPFC8D55/MS Datasheet HTML 1Page - Sumida Corporation CPFC8D55/MS Datasheet HTML 2Page - Sumida Corporation CPFC8D55/MS Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Common Mode Choke
Common Mode Choke
Common Mode Choke
Common Mode Choke
CPFC8D55 / MS
CPFC8D55 / MS
CPFC8D55 / MS
CPFC8D55 / MS
■
■
■
■
Electrical Characteristics Specification.
※ . D.C.R. is measured by 2 lines as series because impedance will be deteriorated when D.C.R. is measured by 1 line.
Part Name
Core
Material
Stamp
Inductance
(1-4),(2-3)
@ 100kHz
Common mode
attenuation(1-4,2-3)
D.C.R.
(1-2)
※
Isolation
voltage
(3-4), 1 minute
CPFC8D55/MS-472
Mn-Zn
472
2.0mHMin(4.7mH)
20dB(Typ.)@100kHz
40dB(Typ.)@1MHz
35dB(Typ.)@10MHz
1.0
ΩMax.
at 20
℃
(3-4)shorted
500Vrms AC
CPFC8D55/M S-472 CMC ATTENUATIO N
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
0.01
0.1
1
10
100
Fre q. (MHz)
CPFC8D55/MS-472
■
■
■
■
Attenuation Characteristics Curve.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com