Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPA2762 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPA2762
Description  100 Base X Interface Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA2762 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPA2762 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
100 Base X Interface Module
DSA2762 Rev. B 11/1/95
Unless Otherwise Noted Dimensions in Inches
Tolerances:
Fractional = ± 1/32
.XX = ± .030
.XXX = ± .010
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
TEL: (818) 892-0761
FAX: (818) 894-5791
E L E C T R O N I C S
I N C .
QAF-CS10 8/94
PCA Part Number(s)
EPA2762
Electrical Specifications @ 25°C
Vrms
Isolation
Cut-off Frequency
60 MHz
50 MHz
100 MHz
dB Min.
dB Min.
dB Min.
105 @ 3 dB (Note 1)
-12.0
-45
-26
-42
-17
RCV
XMIT
Specification
Parameter
Frequency
Unit
1500
Insertion Loss
dB Max.
Return Loss
Commom Mode Rejection
-40
dB Min.
Crosstalk
dB Min.
dB Min.
80 MHz
100 MHz
400 MHz
200 MHz
-1.5
-12.0
-45
-26
-40
-17
-1.5
OCL (DC Bias)
Impedance
8 mA (See Note 2)
100 KHz
µH Min.
Ω
350
Notes :
350
1. With reference to 60 MHz.
2. This parameter is by design; not 100 % tested in production.
100
MHz Min.
Schematic
Package
RD+ 16
RD- 15
CT 14
FILTER
9 RX-
10 RX-
11 RT+
12 RT-
TD- 2
TD+ 1
FILTER
7 TX-
8 TX+
5 TT-
6 TT+
CT 3
.520
.030
.100
.055
.990
.010 ± .005
.020
± .002
.375
.100
.375
.500
.050
Marking:
PCA
EPA2762
Date Code
Cable
Common
Mode
Choke
2
Chip
Signal
Common
Mode
Choke
1
Isolation
Transformer
Functional Block Diagram


Similar Part No. - EPA2762

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA2720-100 PCA-EPA2720-100 Datasheet
41Kb / 1P
SMD 14 Pin 5 Tap TTL Compatible Active Delay Lines
EPA2720-100 PCA-EPA2720-100 Datasheet
41Kb / 1P
SMD 14 Pin 5 Tap TTL Compatible Active Delay Lines
EPA2720-125 PCA-EPA2720-125 Datasheet
41Kb / 1P
SMD 14 Pin 5 Tap TTL Compatible Active Delay Lines
EPA2720-125 PCA-EPA2720-125 Datasheet
41Kb / 1P
SMD 14 Pin 5 Tap TTL Compatible Active Delay Lines
EPA2720-150 PCA-EPA2720-150 Datasheet
41Kb / 1P
SMD 14 Pin 5 Tap TTL Compatible Active Delay Lines
More results

Similar Description - EPA2762

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPE6251S-1 PCA-EPE6251S-1 Datasheet
38Kb / 1P
10/100 Base-T4 Interface Module
EPE6208S PCA-EPE6208S Datasheet
34Kb / 1P
100 Base-T4 Interface Module
EPE6245S PCA-EPE6245S Datasheet
19Kb / 1P
10/100 Base-T4 Interface Module
EPF8019GM PCA-EPF8019GM Datasheet
59Kb / 2P
100 Base-X Interface Module
EPF8046G PCA-EPF8046G Datasheet
63Kb / 2P
100 Base-X Interface Module
EPF8048G PCA-EPF8048G Datasheet
63Kb / 2P
100 Base-X Interface Module
EPF8080S PCA-EPF8080S Datasheet
56Kb / 1P
10/100 Base-X Quad-Phyter Module
EPF8081S PCA-EPF8081S Datasheet
56Kb / 1P
10/100 Base-X Quad-Phyter Module
EPF8102S PCA-EPF8102S Datasheet
35Kb / 1P
10/100 Base-X Quad-Phyter Module
logo
Bothhand USA, LP.
16ST8513 BOTHHAND-16ST8513 Datasheet
185Kb / 1P
10/100 BASE LAN INTERFACE MODULE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com