Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPA2787 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPA2787
Description  ISDN Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA2787 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPA2787 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Electrical Parameters @ 25
° C
ISDN Transformer
CSA2787
Rev. -
2/19/97
• 4000 Vrms Isolation Voltage •
• Single Through Hole •
• For ISDN Application •
Schematic
Dimensions
A
B
C
D
E
F
G
H
I
(J)
Dim.
Min.
.900
.700
.550
Typ.
.140
Typ.
Typ.
dia
Typ.
Typ.
Max.
.
Nom.
(Inches)
(millimeters)
22.35
17.27
12.70
12.70
2.54
5.08
17.78
.635
2.54
2.41
Min.
22.86
17.78
13.97
Typ.
3.56
Typ.
Typ.
dia
Typ.
Typ.
Max.
.
Nom.
Package
EPA2787
Inductance
(mH Min.)
@ 100 KHz,
0.1 Vrms
22
30
Interwinding
Capacitance
(pF Max.)
@ 100 KHz,
0.1 Vrms
20
Leakage
Inductance
(
µH Max.)
@ 100 KHz,
0.1 Vrms
150
Eff. Dist. Cap.
(pF Max.)
2.9
± 20%
DCR
(
Ω Max.)
5.0
± 15%
E L E C T R O N I C S I N C .
.880
.680
.500
.500
.100
.200
.700
.025
.100
.095
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
PCA
EPA2787
Date Code
1
2
3
45
6
7
8
H
B
A
I
D
(J)
G
F
C
E
1
2
3
4
8
7
6
5
1:2
1:2
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Primary
Secondary


Similar Part No. - EPA2787

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA2782G-3A PCA-EPA2782G-3A Datasheet
22Kb / 1P
14 Pin Delay Line
EPA2782G-3A-RC PCA-EPA2782G-3A-RC Datasheet
22Kb / 1P
14 Pin Delay Line
More results

Similar Description - EPA2787

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0553-0043-DC BEL-0553-0043-DC Datasheet
63Kb / 1P
ISDN TRANSFORMER
0554-3855-00 BEL-0554-3855-00 Datasheet
64Kb / 1P
ISDN TRANSFORMER
logo
Bourns Electronic Solut...
PT66004 BOURNS-PT66004 Datasheet
132Kb / 1P
ISDN S-Interface Transformer
logo
Filtran LTD
TEW5613 FILTRAN-TEW5613 Datasheet
29Kb / 1P
ISDN Transmit Transformer
logo
EPCOS
B78304B114 EPCOS-B78304B114 Datasheet
73Kb / 2P
ISDN Transformer
logo
PCA ELECTRONICS INC.
EPA2731 PCA-EPA2731 Datasheet
88Kb / 1P
ISDN Transformer
EPA4047 PCA-EPA4047 Datasheet
40Kb / 1P
ISDN Transformer
logo
Bothhand USA, LP.
S5015 BOTHHAND-S5015 Datasheet
72Kb / 1P
ISDN S-INTERFACE TRANSFORMER
S5016H-3 BOTHHAND-S5016H-3 Datasheet
70Kb / 1P
ISDN S-INTERFACE TRANSFORMER
logo
XFMRS Inc.
XF1334-RM6S XFMRS-XF1334-RM6S Datasheet
41Kb / 1P
ISDN TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com