Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPA2852 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPA2852
Description  10 Base-T Interface Module with Enhanced Common Mode Attenuation
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA2852 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPA2852 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
10 Base-T Interface Module with
Enhanced Common Mode Attenuation
CSA2852a
Rev. A1
5/21/97
• 10 Base-T Filter Module •
• Available in SMD, DIP and DIL Packages •
• Complies with or exceeds IEEE 802.3, 10 Base-T Requirements •
EPA2852
E L E C T R O N I C S I N C .
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pcainc.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
Dimensions
A
B
C
D
E
F
G
H
I
(J)
K
Dim.
Min.
Max.
Nom.
(Inches)
(Millimeters)
Min.
Max.
Nom.
.910
.400
.435
Typ.
.030
Typ.
.305
.022
.012
Typ.
.140
22.61
10.54
8.38
17.78
.508
2.54
7.37
.406
.203
2.54
3.05
23.11
11.05
8.89
Typ.
.762
Typ.
7.75
.559
3.05
Typ.
3.56
.890
.390
.415
.700
.020
.100
.290
.016
.008
.100
.120
•
Isolation : meets or exceeds 802.3 IEEE Requirements • Characteristic Filter Impedance : 100
Ω •
• Referenced to the Output Level Fundamental Frequency @ 5 MHz •
Insertion
Loss
(dB Max.)
Common Mode
Rejection
(dB Min.)
Crosstalk
(dB Min.)
Return
Loss
(dB Min.)
-1.5
-15
1-10
MHz
@1-100
MHz
-28
-7
-17
-33
-35
@ 1-10
MHz
5-10
MHz
@ 20
MHz
@ 25
MHz
@ 30
MHz
@ 40
MHz
Xmit
Rcv
Xmit
Rcv
Xmit
Rcv
Xmit
Rcv
Xmit
Rcv
Xmit
Rcv
Rcv
-30
-1.0
-15
-16
-5
-11
-26
Electrical Parameters @ 25° C
Cut-off
Frequency
(MHz)
16.5
Attenuation
(dB Min.)
± 1.0
MHz
Xmit
-30
Package
A
E
B
C
K
Pin 1
I.D.
G
I
F
J
D
PCA
Date Code
EPA2852
H
Receive Channel
12
49.9
Ω
LPF
10
9
16
14
11
49.9
Ω
15
Schematic
Transit Channel
2
LPF
3
5
62
Ω
261
Ω
2.4K
Ω
2.2M
Ω
8
6
2.2M
Ω
7
1
62
Ω
4
261
Ω


Similar Part No. - EPA2852

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA2851 PCA-EPA2851 Datasheet
17Kb / 1P
Common Mode Choke for Telecom Application Transformer
More results

Similar Description - EPA2852

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPE6271S PCA-EPE6271S Datasheet
176Kb / 1P
Miniature 10 Base-T Multiport Module with Enhanced Common Mode Attenuation
EPA1829A PCA-EPA1829A Datasheet
38Kb / 1P
10 Base-T Interface Module with Enhanced Common Mode Attenuation
EPA1829B PCA-EPA1829B Datasheet
66Kb / 2P
10 Base-T Interface Module with Enhanced Common Mode Attenuation
EPA1829H PCA-EPA1829H Datasheet
66Kb / 2P
10 Base-T Interface Module with Enhanced Common Mode Attenuation
EPA2188B PCA-EPA2188B Datasheet
114Kb / 2P
10 Base-T Multiport Module with Enhanced Common Mode Attenuation
EPE6030 PCA-EPE6030 Datasheet
71Kb / 2P
10 Base-T Module with Enhanced Common Mode Attenuation
EPE6092 PCA-EPE6092 Datasheet
31Kb / 1P
10 Base-T Interface Module with Enhanced Common Mode Attenuation
EPE6098 PCA-EPE6098 Datasheet
65Kb / 2P
10 Base-T Interface Module with Enhanced Common Mode Attenuation
EPE6115S PCA-EPE6115S Datasheet
37Kb / 1P
10 Base-T Multiport Module with Enhanced Common Mode Attenuation
EPE6362G PCA-EPE6362G Datasheet
43Kb / 2P
10 Base-T Interface Module with Enhanced Common Mode Attenuation
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com