Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPA2865 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPA2865
Description  T1/PRI Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA2865 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPA2865 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
T1/PRI Transformer
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Recommended for CS6152/54, DS185/86/87, ATT7288/90
• Robust construction allows for most severe soldering processes
• Meets CCITT I.430 Requirements with proper termination
• Add “-RC” after part number for RoHS Compliant
• 1500 Vrms Isolation
EPA2865 & EPA2865-RC
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSA2865 & -RC
Rev. 3
3/6/06 JDG
Electrical Parameters @ 25° C
Package
.010/.015
(.254/.381)
.018/.022
(.457/.559)
.035
(.889)
0°-8°
.008/.012
(.203/.305)
.030
(.762)
.085
(2.16)
.660
(16.76)
PCA
EPA2865(-RC)
D.C.
Pin 1
I.D.
.500
(12.70)
.085
(2.16)
.390
(9.91)
.330
(8.38)
.100
(2.54)
.500
(12.70)
Pad
Layout
.100
(2.54)
.560
(14.22)
Notes :
1. Lead Finish
2. Peak Temperature Rating
3. Moisture Sensitive Levels
4. Weight
5. Packaging Information
(*Add “TR” to end of part number
when placing order)
(Tube)
(Tape & Reel)
MSL = 4
(72 Hours,
≤30°C/60%RH)
EPA2865-RC
Matte Tin
260°C
TBD grams
TBD pieces/tube
TBD pieces/13” reel
(*EPA2865-RCTR)
EPA2865
225°C
MSL = 3
(168 Hours,
≤30°C/60%RH)
TBD grams
TBD pieces/tube
TBD pieces/13” reel
(*EPA2865-TR)
SnPb
Primary Inductance
(mH Min.)
@ 100 KHz, 0.1 Vrms
Interwinding Capacitance
(pF Max.)
@ 100 KHz, 0.1 Vrms
Leakage Inductance
(µH Max.)
@ 100 KHz, 0.1 Vrms
Primary DCR
(
Ω Max.)
Secondary DCR
(
Ω Max.)
60
T1
2.0
T1
T2
50
1.5
T1
T2
1.5
1.0
T1
T2
0.8
T2
1.7
1.6
T1
1.6
T2
Schematic
12
11
10
4
8
6
1
2
3
9
7
T2
T1
Pri
Sec
Pri
Sec
1:1.36CT ± 5%
1CT:2CT ± 5%


Similar Part No. - EPA2865

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA2864 PCA-EPA2864 Datasheet
34Kb / 2P
25 Mbps ATM Transmit and Receive, UTP Interface
EPA2866 PCA-EPA2866 Datasheet
20Kb / 1P
T1/CEPT/ISDN-PRI Transformer
More results

Similar Description - EPA2865

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S559-6400-00 BEL-S559-6400-00 Datasheet
59Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMER
logo
Bourns Electronic Solut...
PT74263N BOURNS-PT74263N Datasheet
138Kb / 1P
T1/CEPT/ISDN-PRI Transformer
PT74344 BOURNS-PT74344 Datasheet
143Kb / 1P
T1/CEPT/ISDN-PRI Transformer
SM74120 BOURNS-SM74120 Datasheet
180Kb / 1P
T1/CEPT/ISDN-PRI Transformer
logo
PCA ELECTRONICS INC.
EPA2559 PCA-EPA2559 Datasheet
21Kb / 1P
T1/ PRI Transformer
logo
XFMRS Inc.
XF9030 XFMRS-XF9030 Datasheet
62Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMER
logo
Bothhand USA, LP.
S4993S BOTHHAND-S4993S Datasheet
53Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMER
S4995B BOTHHAND-S4995B Datasheet
43Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMER
S5835 BOTHHAND-S5835 Datasheet
21Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMER
S8887 BOTHHAND-S8887 Datasheet
68Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com