Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPA2866 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPA2866
Description  T1/CEPT/ISDN-PRI Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA2866 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPA2866 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Electrical Parameters @ 25
° C
T1/CEPT/ISDN-PRI Transformer
CSA2866
Rev. -
12/8/97
• 1.5KV Isolation •
• Recommended for CS6152/54, DS185/86/87, ATT7288/90 •
• Meet CCITT I.430 requirements with proper termination •
• Robust construction allows for most severe soldering processes •
Dimensions
A
B
C
D
E
F
G
H
I
J
K
L
Dim.
Min.
.675
.400
.340
Typ.
Typ.
Typ.
.540
.022
Typ.
.095
8
°
.060
Max.
.
Nom.
(Inches)
(Millimeters)
16.64
9.65
8.13
12.70
.254
2.54
13.21
.457
2.54
1.91
0
°
1.02
Min.
17.15
10.16
8.64
Typ.
Typ.
Typ.
13.72
.559
Typ.
2.41
8
°
1.52
Max.
.
Nom.
Package
EPA2866
Primary
OCL
@ 100 KHz,
0.1 Vrms
Interwinding
Capacitance
(pF Max.)
@ 100 KHz,
0.1 Vrms
Leakage
Inductance
(
µH Max.)
@ 100 KHz,
0.1 Vrms
Primary DCR
(
Ω Max.)
Hipot
(Vrms)
Secondary
DCR
(
Ω Max.)
@ 200 Vdc
E L E C T R O N I C S I N C .
.655
.380
.320
.500
.070
.100
.520
.018
.010
.075
0
°
.040
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
Schematic
12
11
10
9
8
7
123
4
6
T2
T1
Pri
Sec
Sec
Pri
32
T1
1.1
T1
T2
37
0.7
T1
T2
0.7
0.55
T1
T2
0.80
T2
0.9
1.2
T1
1.2
T2
1500
Pin 1
I.D.
C
D
E
B
F
L
A
H
G
PCA
EPA2866
Date Code
J
K
I
Product performance is limited to specified parameters. Data is subject to change without prior notice.


Similar Part No. - EPA2866

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA2864 PCA-EPA2864 Datasheet
34Kb / 2P
25 Mbps ATM Transmit and Receive, UTP Interface
EPA2865 PCA-EPA2865 Datasheet
23Kb / 1P
T1/PRI Transformer
EPA2865-RC PCA-EPA2865-RC Datasheet
23Kb / 1P
T1/PRI Transformer
More results

Similar Description - EPA2866

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S559-6400-00 BEL-S559-6400-00 Datasheet
59Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMER
logo
Bourns Electronic Solut...
PT74263N BOURNS-PT74263N Datasheet
138Kb / 1P
T1/CEPT/ISDN-PRI Transformer
PT74344 BOURNS-PT74344 Datasheet
143Kb / 1P
T1/CEPT/ISDN-PRI Transformer
SM74120 BOURNS-SM74120 Datasheet
180Kb / 1P
T1/CEPT/ISDN-PRI Transformer
logo
XFMRS Inc.
XF9030 XFMRS-XF9030 Datasheet
62Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMER
logo
Bothhand USA, LP.
S4993S BOTHHAND-S4993S Datasheet
53Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMER
S4995B BOTHHAND-S4995B Datasheet
43Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMER
S5835 BOTHHAND-S5835 Datasheet
21Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMER
S8887 BOTHHAND-S8887 Datasheet
68Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMER
S1308M BOTHHAND-S1308M Datasheet
75Kb / 1P
T1/ CEPT/ISDN-PRI TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com