Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPA3670G Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPA3670G
Description  Common Mode Choke
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA3670G Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPA3670G Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Electrical Parameters @ 25° C
Common Mode Choke
CSA3670G
Rev. - 12/1/00
Schematic
Package
EPA3670G
E L E C T R O N I C S I N C .
Dimensions
A
B
C
D
F
G
H
L
M
N
P
Q
Dim.
Min.
.345
---
.300
.300
.100
.345
.040
---
---
---
---
---
Max.
.330
.230
---
---
---
.340
---
.310
.070
.100
.050
.320
Nom.
(Inches)
(Millimeters)
---
---
---
---
---
8.51
---
---
---
---
---
---
Min.
8.76
---
7.62
7.62
2.54
8.76
1.02
---
---
---
---
---
Max.
8.38
5.84
---
---
---
8.64
---
7.87
1.78
2.54
1.27
8.13
Nom.
---
---
---
---
---
.335
---
---
---
---
---
---
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• For use in ADSL and VDSL Interfaces •
• Effective Reduction of Common Mode Noise Caused •
by AM Broadcast or Ham Radio
• Isolation 1500 Vrms •
• Operating Temperature: -40°C to 85°C •
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Common Mode Attenuation
(dB Typ.)
45
18
Ratio
1:1
L
G
Q
C
H
B
M
P
Suggested
Pad
Layout
A
D
F
N
Pin 1
I.D.
@ 500 KHz
-40
@ 1 MHz
-45
@ 10 MHz
-30
OCL
(mH Typ.)
@ 100 KHz, 0.1V
6
DCR
(
Ω Typ.)
per Wdg.
1


Similar Part No. - EPA3670G

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA3670 PCA-EPA3670 Datasheet
18Kb / 1P
Common Mode Choke
EPA3670-LF PCA-EPA3670-LF Datasheet
18Kb / 1P
Common Mode Choke
More results

Similar Description - EPA3670G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XF0306-01S ETC-XF0306-01S Datasheet
34Kb / 1P
COMMON MODE CHOKE
CMK08M02SM ETC-CMK08M02SM Datasheet
57Kb / 1P
Common-Mode Choke
logo
Allied Components Inter...
VCM7101-RC ALLIED-VCM7101-RC Datasheet
496Kb / 1P
Common Mode Choke
logo
XFMRS Inc.
XF0473-HPCMC XFMRS-XF0473-HPCMC_10 Datasheet
108Kb / 1P
COMMON MODE CHOKE
logo
ice Components, Ins.
CS01 ICE-CS01_08 Datasheet
403Kb / 2P
Common Mode Choke
logo
MPS Industries, Inc.
P52TM12 MPSIND-P52TM12 Datasheet
195Kb / 1P
COMMON MODE CHOKE
logo
Dongguan Mentech Optica...
CM15R7DG503U MNC-CM15R7DG503U Datasheet
133Kb / 2P
COMMON MODE CHOKE
CM422SG8R0U MNC-CM422SG8R0U Datasheet
166Kb / 1P
COMMON MODE CHOKE
logo
VACUUMSCHMELZE GmbH & C...
T60006-L2102-V347 VACUUMSCHMELZE-T60006-L2102-V347 Datasheet
37Kb / 2P
Common Mode Choke
T60405-R6123-X213 VACUUMSCHMELZE-T60405-R6123-X213 Datasheet
102Kb / 2P
Common Mode Choke
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com