Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPA4027S Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPA4027S
Description  T1/E1 and ISDN-PRI Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA4027S Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPA4027S Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
T1/E1 and ISDN-PRI Transformer
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• UL94V-0 Recognized Materials
• UL1446 Class B Insulating System
• Operating Temperature : 0°C to +70°C
• Surface Mount Package
• 1500 Vrms Isolation
EPA4027S
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Electrical Parameters @ 25°C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSA4027S Rev. -
1/26/05 FT
Schematics
Package
.365
(9.27)
0°-8°
.035
(.889)
.008/.012
(.203/.305)
Solder Pad
Layout
.405
(10.29)
.050
(1.27)
.030
(.762)
.085
(2.16)
.190
(4.82)
.050
(1.27)
.018/.022
(.457/.559)
.005/.010
(.127/.254)
PCA
EPA4027S
D.C.
.490
(12.45)
.270
(6.86)
.070
(1.78)
.350
(8.89)
Pin 1
I.D.
1
2
3
7
6
16
14
11
10
9
8
15
2CT:1CT
1CT:1.36CT
Primary Inductance
(mH Typ.)
Interwinding Capacitance
(pF Max.)
Leakage Inductance
(µH Max.)
DCR
(
Ω Max.)
Pins 6-8
1.2
A
30
B
30
0.4
A
Pri.
B
0.4
Pri.
0.7
A
Pri.
0.7
B
1.2
Pins 16-14
Sec.
Pri.
Sec.
Pri.
A
B
Crosstalk
(dB Typ.)
-60
0.1-10 MHz


Similar Part No. - EPA4027S

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA4017G PCA-EPA4017G Datasheet
37Kb / 1P
Isolation Transformer
EPA4047 PCA-EPA4047 Datasheet
40Kb / 1P
ISDN Transformer
EPA4076G PCA-EPA4076G Datasheet
19Kb / 1P
Isolation Transformer
EPA4076G-RC PCA-EPA4076G-RC Datasheet
19Kb / 1P
Isolation Transformer
More results

Similar Description - EPA4027S

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA3492S PCA-EPA3492S Datasheet
88Kb / 1P
T1/E1 and ISDN-PRI Transformer
logo
Bothhand USA, LP.
4S1064 BOTHHAND-4S1064 Datasheet
78Kb / 1P
T1/CEPT(E1)/ISDN-PRI TRANSFORMER
2001/01/27
4S1071 BOTHHAND-4S1071 Datasheet
82Kb / 1P
T1/CEPT(E1)/ISDN-PRI TRANSFORMER
2001/01/27
4S1073 BOTHHAND-4S1073 Datasheet
76Kb / 1P
T1/CEPT(E1)/ISDN-PRI TRANSFORMER
2001/01/28
4S1124 BOTHHAND-4S1124 Datasheet
66Kb / 1P
T1/E1/CEPT/ISDN-PRI TRANSFORMER
2001/05/29
4S1126 BOTHHAND-4S1126 Datasheet
85Kb / 1P
T1/E1/CEPT/ISDN-PRI TRANSFORMER
2001/02/23
4S1142 BOTHHAND-4S1142 Datasheet
65Kb / 1P
T1/CEPT/E1/ISDN-PRI TRANSFORMER
2001/06/11
4S1473M BOTHHAND-4S1473M Datasheet
101Kb / 1P
T1/E1/CEPT/ISDN-PRI TRANSFORMER
S1312 BOTHHAND-S1312 Datasheet
71Kb / 1P
T1/E1/CEPT/ISDN-PRI TRANSFORMER
S1313 BOTHHAND-S1313 Datasheet
77Kb / 1P
T1/E1/CEPT/ISDN-PRI TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com