Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPA4047 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPA4047
Description  ISDN Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA4047 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPA4047 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
ISDN Transformer
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Complies with CCITT G.961
• Remote Power Feeding to NT
• Operating Temperature : -25°C to +85°C
EPA4047
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSA4047
Rev. -
3/30/05 RR
45
Leakage Inductance
(µH Typ.)
DCR
(
Ω Max.)
Interwinding Capacitance
(pF Typ.)
70
5.0 (Line)
13.3
Inductance
(mH ± 10%)
Schematic
I.C.
5
6
7
8
4
2
3
1
Line
5.0 (I.C.)
Hipot
(kVac)
2.5
Idc
(mA)
60
Package
.724 Max.
(18.40)
.600
(15.24)
2
1
4
.787
Max.
(20.00) 3
5
6
7
8
.531 Max.
(13.50)
.157 ± .011
(4.00 ± .300)
.600
(15.24)
.984 Max.
(25.00)
.629
Max.
(16.00)
.100
(2.54)
.700
(17.78)
.500
(12.70)
.200 (5.08)
.150
(3.81)
.039 Ø
(1.00)
.051 Ø
(1.30)
Hole
Layout
Marking :
PCA
EPA4047
D.C.
Turns
Ratio
1.6:1.6:1:1
*
* = External Connection


Similar Part No. - EPA4047

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA4017G PCA-EPA4017G Datasheet
37Kb / 1P
Isolation Transformer
EPA4027S PCA-EPA4027S Datasheet
88Kb / 1P
T1/E1 and ISDN-PRI Transformer
EPA4076G PCA-EPA4076G Datasheet
19Kb / 1P
Isolation Transformer
EPA4076G-RC PCA-EPA4076G-RC Datasheet
19Kb / 1P
Isolation Transformer
More results

Similar Description - EPA4047

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0553-0043-DC BEL-0553-0043-DC Datasheet
63Kb / 1P
ISDN TRANSFORMER
0554-3855-00 BEL-0554-3855-00 Datasheet
64Kb / 1P
ISDN TRANSFORMER
logo
Bourns Electronic Solut...
PT66004 BOURNS-PT66004 Datasheet
132Kb / 1P
ISDN S-Interface Transformer
logo
Filtran LTD
TEW5613 FILTRAN-TEW5613 Datasheet
29Kb / 1P
ISDN Transmit Transformer
logo
EPCOS
B78304B114 EPCOS-B78304B114 Datasheet
73Kb / 2P
ISDN Transformer
logo
PCA ELECTRONICS INC.
EPA2731 PCA-EPA2731 Datasheet
88Kb / 1P
ISDN Transformer
EPA2787 PCA-EPA2787 Datasheet
17Kb / 1P
ISDN Transformer
logo
Bothhand USA, LP.
S5015 BOTHHAND-S5015 Datasheet
72Kb / 1P
ISDN S-INTERFACE TRANSFORMER
S5016H-3 BOTHHAND-S5016H-3 Datasheet
70Kb / 1P
ISDN S-INTERFACE TRANSFORMER
logo
XFMRS Inc.
XF1334-RM6S XFMRS-XF1334-RM6S Datasheet
41Kb / 1P
ISDN TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com