Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPA4076G Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPA4076G
Description  Isolation Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA4076G Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPA4076G Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
Isolation Transformer
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Designed for HPNA 3.0 Applications
• Add “-RC” after part number for RoHS Compliant
• Storage Temperature : -40°C to +125°C
• Operating Temperature : 0°C to +70°C
• Isolation : 1500 Vrms
Product performance is limited to specified parameters. Data is subject to change without prior notice.
EPA4076G & EPA4076G-RC
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSA4076G & -RC
Rev. 3
7/24/08
RR
Insertion Loss
(dB Max.)
-0.5
1-30 MHz
Return Loss
(dB Min.)
-15
1-30 MHz
DCR
(
Ω Max.)
Pri.
0.4
Sec.
0.4
Interwinding Capacitance
(pF Max.)
15
Pri. to Sec.
Pri. OCL
(µH Min.)
177
Pins 1-3
Leakage Inductance
(µH Max.)
0.5
Pins 1-3 w/ 6-4 shorted
Package
Marking :
PCA
EPA4076G(-RC)
Date Code
.100
(2.54)
.090
(2.29)
.030
(.762)
Pad Layout
.450
(11.43)
.035
(.889)
.410
(10.41)
.008/.012
(.203/.305)
0°-8°
.300
(7.62)
.270
(6.86)
Pin 1
I.D.
.010/.015
(.254/.381)
.016/.022
(.406/.559)
.200
(5.08)
.200
(5.08)
.050
(1.27)
.100
(2.54)
Schematic
3
1
4
6
2
1CT:1CT
5
Pri.
Sec.
Notes :
1. Lead Finish
2. Peak Temperature Rating
3. Moisture Sensitive Levels
4. Weight
5. Packaging Information
(Tube)
(Tape & Reel)
MSL = 4
(72 Hours,
≤30°C/60%RH)
EPA4076G-RC
260°C
TBD grams
TBD pieces/tube
TBD pieces/13” reel
EPA4076G
225°C
MSL = 3
(168 Hours,
≤30°C/60%RH)
TBD grams
TBD pieces/tube
TBD pieces/13” reel
SnPb
Hot Dipped Sn or SAC


Similar Part No. - EPA4076G

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA4017G PCA-EPA4017G Datasheet
37Kb / 1P
Isolation Transformer
EPA4027S PCA-EPA4027S Datasheet
88Kb / 1P
T1/E1 and ISDN-PRI Transformer
EPA4047 PCA-EPA4047 Datasheet
40Kb / 1P
ISDN Transformer
More results

Similar Description - EPA4076G

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA4017G PCA-EPA4017G Datasheet
37Kb / 1P
Isolation Transformer
logo
XFMRS Inc.
XFADSL44S XFMRS-XFADSL44S Datasheet
73Kb / 1P
Isolation Transformer
XFADSL37S XFMRS-XFADSL37S Datasheet
79Kb / 1P
Isolation Transformer
XFADSL44S XFMRS-XFADSL44S Datasheet
73Kb / 1P
Isolation Transformer
XFADSL29S XFMRS-XFADSL29S_15 Datasheet
55Kb / 1P
ISOLATION TRANSFORMER
XFADSL35S XFMRS-XFADSL35S_15 Datasheet
80Kb / 1P
ISOLATION TRANSFORMER
XFADSL37S XFMRS-XFADSL37S_15 Datasheet
79Kb / 1P
ISOLATION TRANSFORMER
XFADSL43S XFMRS-XFADSL43S_15 Datasheet
73Kb / 1P
ISOLATION TRANSFORMER
XFADSL44S XFMRS-XFADSL44S_15 Datasheet
73Kb / 1P
ISOLATION TRANSFORMER
XFADSL45S XFMRS-XFADSL45S_15 Datasheet
82Kb / 1P
ISOLATION TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com