Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPB5021 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPB5021
Description  RADSL Interface Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPB5021 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPB5021 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
RADSL Interface Transformer
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Used in RADSL Tranceiver
• 3000 Vrms Minimum Isolation
• Operating Temperature Range : -40°C to +85°C
EPB5021
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSB5021
Rev. 1
1/9/06 JDG
Electrical Parameters @ 25° C
Schematic
PCA
EPB5021
Date Code
Pin 1
I.D.
5
8
4
1
1.150 Max.
(29.21)
.680
Max.
(17.27)
.510 Max.
(12.95)
.800
(20.32)
.110
(2.79)
.023/.028
(.584/.711)
.150
(3.81)
Pri.
Sec.
8
1
3
6
7
2
4
5
1:1:1:1 ±2%
Inductance
(µH±5%)
@ 10 KHz,
0.5 Vrms
Pins 1-4, 2-3 shorted
440
Interwinding Capacitance
(pF Max.)
@ 10 KHz,
0.5 Vrms
45
Between Pri.to Sec. Wdg.
Leakage Inductance
(µH Max.)
@ 10 KHz,
0.5 Vrms
Pins 1-4, 2-3 shorted
10
Sec. Wdg. shorted
1.5
DCR
(
Ω Max.)
Pins 1-4, 2-3 shorted
Pins 5-8, 6-7shorted


Similar Part No. - EPB5021

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPB5020G PCA-EPB5020G Datasheet
24Kb / 1P
Pots Low Pass Filter
EPB5023G PCA-EPB5023G Datasheet
22Kb / 1P
High Pass Filter
EPB5025 PCA-EPB5025 Datasheet
47Kb / 1P
HDSL Modem Transformer
EPB5026G-RC PCA-EPB5026G-RC Datasheet
19Kb / 1P
Low Pass Filter for Cable Modem Applications
EPB5027G PCA-EPB5027G Datasheet
23Kb / 1P
ADSL Transformer
More results

Similar Description - EPB5021

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T-1016G ETC-T-1016G Datasheet
22Kb / 1P
RADSL Transformer
logo
Bel Fuse Inc.
2808D BEL-2808D Datasheet
30Kb / 2P
RADSL MAGNETICS Transformer
logo
Rhombus Industries Inc.
T-890 RHOMBUS-IND-T-890 Datasheet
32Kb / 1P
RADSL Transformer
2/3/97
T-890G RHOMBUS-IND-T-890G Datasheet
35Kb / 1P
RADSL Transformer
2/3/97
T-891 RHOMBUS-IND-T-891 Datasheet
32Kb / 1P
RADSL Transformer
2/3/97
T-891G RHOMBUS-IND-T-891G Datasheet
35Kb / 1P
RADSL Transformer
2/3/97
T-1014 RHOMBUS-IND-T-1014 Datasheet
29Kb / 1P
RADSL Transformer
01/02/98
T-1014G RHOMBUS-IND-T-1014G Datasheet
25Kb / 1P
RADSL Transformer
01/02/98
T-1016 RHOMBUS-IND-T-1016 Datasheet
29Kb / 1P
RADSL Transformer
01/02/98
T-1016G RHOMBUS-IND-T-1016G Datasheet
26Kb / 1P
RADSL Transformer
01/02/98
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com