Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPB5167 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPB5167
Description  Coupled Inductor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPB5167 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPB5167 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Electrical Parameters @ 25°C
ELECTRONICS, INC.
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Schematic
Package
EPB5167
CSB5167
Rev. 1
6/18/01
Coupled Inductor
• 1250 Vrms Isolation •
• DCR Match: ±2.5% •
• 100 mA max rated DC current on both coils •
Pins 1-5
@ 1 KHz, 0.1 Vrms
4
Inductance
(mH ± 5%)
(@ 0 DC)
@ 1 KHz, 0.1 Vrms
3.6
Inductance
(mH Min.)
(@ 100mA DC bias each coil)
Pins 1-5
Leakage Inductance
(µH max.)
@ 1 KHz, 0.1 Vrms
Pins 1-5 with 6-10 Shorted
210
@ 100 KHz, 0.1 Vrms
Interwinding Capacitance
(pF Max.)
Pins 1-5 to 6-10
250
DCR
(Ω Max.)
---
Each Winding
5.4
Dimensions
Dim.
Min.
Min.
Max.
Max.
Nom.
Nom.
(Inches)
(Millimeters)
A
B
C
D
E
F
G
H
---
---
---
---
.120
---
---
---
.550
.550
.500
---
---
---
---
---
.520
.520
.490
.400
.150
.200
.400
.020
---
---
---
---
3.05
---
---
---
13.97
13.97
12.70
---
---
---
---
---
13.20
13.20
12.44
10.16
3.81
5.08
10.16
.508
1
5
6
10
1:1
Pin 1
I.D.
A
B
C
E
D
G
FHØ
15
6
10
PCA
EPB5167
D.C.


Similar Part No. - EPB5167

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPB5160G PCA-EPB5160G Datasheet
38Kb / 1P
VDSL High-Pass Filter Module
EPB5162G PCA-EPB5162G Datasheet
18Kb / 1P
Bandpass Filter
EPB5162G-RC PCA-EPB5162G-RC Datasheet
18Kb / 1P
Bandpass Filter
More results

Similar Description - EPB5167

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA3723G PCA-EPA3723G Datasheet
39Kb / 1P
Coupled Inductor
EPA3727 PCA-EPA3727 Datasheet
37Kb / 1P
Coupled Inductor
EPA3725G PCA-EPA3725G Datasheet
39Kb / 1P
Coupled Inductor
EPB5175G PCA-EPB5175G Datasheet
25Kb / 1P
Coupled Inductor
EPC3009 PCA-EPC3009 Datasheet
44Kb / 1P
Coupled Inductor
EPZ3036GE PCA-EPZ3036GE Datasheet
36Kb / 1P
Coupled Inductor
logo
Coilcraft lnc.
JA4590-AL COILCRAFT-JA4590-AL Datasheet
127Kb / 1P
Coupled Inductor
NA5880-AE COILCRAFT-NA5880-AE Datasheet
253Kb / 1P
Coupled Inductor
NA5880 COILCRAFT-NA5880_15 Datasheet
253Kb / 1P
Coupled Inductor
logo
XFMRS Inc.
XF0336-EP7S XFMRS-XF0336-EP7S Datasheet
68Kb / 1P
Coupled Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com