Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPB5174G Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPB5174G
Description  Home Phone Networking Analog Magnetics Module with 10 Base-T
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPB5174G Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPB5174G Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Package
Dimensions
A
B
C
D
E
F
G
H
I
J
K
L
M
N
P
Q
Dim.
Min.
Max.
Nom.
(Inches)
(Millimeters)
Min.
Max.
Nom.
.980
.370
.215
---
.010
---
.490
.016
.008
---
0°
.025
---
---
---
---
1.00
.390
.235
---
.015
---
.510
.022
.012
---
8°
.045
---
---
---
---
.990
.380
.225
.700
.013
.100
.500
.018
.010
.145
4°
.035
.030
.100
.090
.540
24.89
9.40
5.46
---
.254
---
12.45
.406
.203
---
0°
.635
---
---
---
---
25.40
9.91
5.97
---
.381
---
12.95
.559
.305
---
8°
1.14
---
---
---
---
25.15
9.65
5.71
17.78
.330
2.54
12.70
.457
.254
3.68
4°
.889
.762
2.54
2.29
13.72
N
P
M
Pad
Layout
Q
L
G
I
K
A
B
PCA
EPB5174G
Date Code
Pin 1
I.D.
D
J
E
H
C
F
• Characteristic Impedance : 100
Ω •
Electrical Parameters @ 25° C
Home Phone Networking Analog
Magnetics Module with 10 Base-T
CSB5174G
Rev. -
7/23/01
• Supports TUT Systems HPN Architecture •
• UL/IEC 950 Approved File #132261 •
• Meets UL 1950 Spplementary Insulation Requirements •
• Meets or exceeds IEEE802.3 Requirements •
• Robust construction allows for reflow processes •
• Temperature Range 0°C to 70°C •
EPB5174G
E L E C T R O N I C S I N C .
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
Schematic
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Insertion Loss
(dB Max.)
-1
1-27 MHz
Return Loss
(dB Min.)
-18
1-12 MHz
Isolation
(Vrms)
---
2000
Chip Side
Cable Side
4
6
11
14
5
13
12
Chip Side
Cable Side
7
8
9
10
1:1
1
2
3
16
15
2CT:1
2CT:1:1
HPNA
10-Base-T
Insertion Loss
(dB Max.)
-1
5-10 MHz
Return Loss
(dB Min.)
-20
5-10 MHz
Isolation
(Vrms)
---
1500
HPNA
10 Base-T


Similar Part No. - EPB5174G

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPB5170 PCA-EPB5170 Datasheet
45Kb / 1P
Analog Modem Transformer
EPB5172 PCA-EPB5172 Datasheet
26Kb / 1P
Wideband Transformer
EPB5173 PCA-EPB5173 Datasheet
36Kb / 1P
Coupled Inductor
EPB5175G PCA-EPB5175G Datasheet
25Kb / 1P
Coupled Inductor
More results

Similar Description - EPB5174G

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPB5036G PCA-EPB5036G Datasheet
35Kb / 1P
Home Phone Networking Analog Magnetics Module with 10 Base-T
EPB5036GM PCA-EPB5036GM Datasheet
35Kb / 1P
Home Phone Networking Analog Magnetics Module with 10 Base-T
EPB5032G PCA-EPB5032G Datasheet
37Kb / 1P
Home Phone Networking Analog Magnetics Module with 10 Base-T
EPB5034 PCA-EPB5034 Datasheet
40Kb / 1P
Home Phone Networking Analog Magnetics Module with 10/100 Base-T
EPB5036WG PCA-EPB5036WG Datasheet
38Kb / 1P
Home Phone Networking Analog Magnetics Module with 10 Base-T
EPB5041G PCA-EPB5041G Datasheet
39Kb / 1P
Home Phone Networking Analog Magnetics Module with 10 Base-T
EPB5067G PCA-EPB5067G Datasheet
37Kb / 1P
Home Phone Networking Analog Magnetics Module with 10 Base-T
EPB5091GA PCA-EPB5091GA Datasheet
39Kb / 1P
Home Phone Networking Analog Magnetics Module with 10 Base-T
EPB5091GB PCA-EPB5091GB Datasheet
39Kb / 1P
Home Phone Networking Analog Magnetics Module with 10 Base-T
EPB5032 PCA-EPB5032 Datasheet
40Kb / 1P
Home Phone Networking Analog Magnetics Module with 10 Base-T
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com