Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TK71517ASCL/17 Datasheet(PDF) 13 Page - TOKO, Inc

Part # TK71517ASCL/17
Description  LOW DROPOUT VOLTAGE REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK71517ASCL/17 Datasheet(HTML) 13 Page - TOKO, Inc

Back Button TK71517ASCL/17 Datasheet HTML 7Page - TOKO, Inc TK71517ASCL/17 Datasheet HTML 8Page - TOKO, Inc TK71517ASCL/17 Datasheet HTML 9Page - TOKO, Inc TK71517ASCL/17 Datasheet HTML 10Page - TOKO, Inc TK71517ASCL/17 Datasheet HTML 11Page - TOKO, Inc TK71517ASCL/17 Datasheet HTML 12Page - TOKO, Inc TK71517ASCL/17 Datasheet HTML 13Page - TOKO, Inc TK71517ASCL/17 Datasheet HTML 14Page - TOKO, Inc TK71517ASCL/17 Datasheet HTML 15Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
March 2001 TOKO, Inc.
Page 13
TK715xxAS
BOARD LAYOUT
The copper pattern should be as large as possible. Power dissipation is 400 mW for the SOT23-3, derated at 3.2 mW/°C for
operation above T
A = 25°C (qja = 312°C/W)
The internal reverse bias protection eliminates the requirement for a reverse voltage protection diode. This saves both
cost and board space.
APPLICATION INFORMATION (CONT.)
SOT23-3 BOARD LAYOUT
+
+
VIN
VOUT
GND
RECOMMENDED AS SHOWN
FREE AIR
500
400
300
200
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com