Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

400AC015M08 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 400AC015M08
Description  TAG Ring Backshell with Strain Relief
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

400AC015M08 Datasheet(HTML) 1 Page - Glenair, Inc.

  400AC015M08 Datasheet HTML 1Page - Glenair, Inc. 400AC015M08 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 40 - Page 20
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
STYLE L
Light Duty
(Table V)
.850 (21.6)
Approx.
Cable
Range
P
STYLE G
Light Duty
(Table IV)
400 F D 015 M 16 06 L
Product Series
Connector
Designator
Angle and Profile
C = Ultra-Low Split 90
D = Split 90
F = Split 45
Strain Relief Style (F, G, L)
Cable Entry (Table IV, V)
Shell Size (Table I)
Finish (Table II)
Basic Part No.
G (Table III)
E Typ.
(Table I)
.072 (1.8)
Approx.
N
Cable
Entry
STYLE 2
(See Note 1)
A Thread
(Table I)
F
(Table III)
Cable
Entry
Anti-
Rotation
Device
(Typ.)
STYLE F
Light Duty
(Table V)
P
Cable
Range
.416 (10.5)
Approx.
Ground
Spring
CONNECTOR
DESIGNATORS
A-F-H-L-S
SELF-LOCKING
ROTATABLE
COUPLING
1.00 (25.4)
Max
Split 45°
Ultra Low-
Profile Split
90°
400-015
TAG® Ring Backshell
with Strain Relief
Self-Locking Rotatable Coupling - Split Shell
M
(Table III)
Max
Wire
Bundle
(Table III,
Note 1)
L
(Table
III)
P
(Table V)
J
(Table
III)
H
(Table III)
Split 90°
N (Table IV)
K (Table III)


Similar Part No. - 400AC015M08

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
400AC001M08 GLENAIR-400AC001M08 Datasheet
69Kb / 2P
TAG Ring Backshell with Strain Relief
400AC001M10 GLENAIR-400AC001M10 Datasheet
69Kb / 2P
TAG Ring Backshell with Strain Relief
400AC001M12 GLENAIR-400AC001M12 Datasheet
69Kb / 2P
TAG Ring Backshell with Strain Relief
400AC001M14 GLENAIR-400AC001M14 Datasheet
69Kb / 2P
TAG Ring Backshell with Strain Relief
400AC001M16 GLENAIR-400AC001M16 Datasheet
69Kb / 2P
TAG Ring Backshell with Strain Relief
More results

Similar Description - 400AC015M08

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
400AA001M08 GLENAIR-400AA001M08 Datasheet
80Kb / 2P
TAG Ring Backshell with Strain Relief
400AC001M08 GLENAIR-400AC001M08 Datasheet
69Kb / 2P
TAG Ring Backshell with Strain Relief
400AH001M08 GLENAIR-400AH001M08 Datasheet
69Kb / 2P
TAG Ring Backshell with Strain Relief
400AA002M08 GLENAIR-400AA002M08 Datasheet
63Kb / 2P
TAG Ring Backshell with Strain Relief
400AC002M08 GLENAIR-400AC002M08 Datasheet
62Kb / 2P
TAG Ring Backshell with Strain Relief
400AH015M08 GLENAIR-400AH015M08 Datasheet
52Kb / 2P
TAG Ring Backshell with Strain Relief
400AS015M08 GLENAIR-400AS015M08 Datasheet
46Kb / 2P
TAG Ring Backshell with Strain Relief
527-149NFPA1B1C1 GLENAIR-527-149NFPA1B1C1 Datasheet
67Kb / 2P
Strain Relief Backshell
M85049-44-1 GLENAIR-M85049-44-1 Datasheet
73Kb / 1P
Strain-Relief Backshell
507-146E09 GLENAIR-507-146E09_11 Datasheet
178Kb / 1P
Strain Relief Backshell
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com