Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V048F080T030 Datasheet(PDF) 2 Page - Vicor Corporation

Part # V048F080T030
Description  VTM Current Multiplier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V048F080T030 Datasheet(HTML) 2 Page - Vicor Corporation

  V048F080T030 Datasheet HTML 1Page - Vicor Corporation V048F080T030 Datasheet HTML 2Page - Vicor Corporation V048F080T030 Datasheet HTML 3Page - Vicor Corporation V048F080T030 Datasheet HTML 4Page - Vicor Corporation V048F080T030 Datasheet HTML 5Page - Vicor Corporation V048F080T030 Datasheet HTML 6Page - Vicor Corporation V048F080T030 Datasheet HTML 7Page - Vicor Corporation V048F080T030 Datasheet HTML 8Page - Vicor Corporation V048F080T030 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
vicorpower.com
800-735-6200
V•I Chip Voltage Transformation Module
V048F080T030
Rev. 2.2
Page 2 of 11
V•I Chip Voltage Transformation Module
Electrical Specifications
Parameter
Min
Typ
Max
Unit
Note
Input voltage range
26
48
55
Vdc
Max Vin = 53 V, operating from -55°C to -40°C
Input dV/dt
1
V/µs
Input overvoltage turn-on
55.5
Vdc
Input overvoltage turn-off
59.5
Vdc
Input current
5.4
Adc
Input reflected ripple current
120
mA p-p
Using test circuit in Figure 15; See Figure 1
No load power dissipation
3.2
5.0
W
Internal input capacitance
3.6
µF
Internal input inductance
5
nH
Input Specs (Conditions are at 48 Vin, full load, and 25°C ambient unless otherwise specified)
Parameter
Min
Typ
Max
Unit
Note
Output voltage
4.34
9.16
Vdc
No load
4.04
8.89
Vdc
Full load
Rated DC current
0
30
Adc
26 - 55 VIN
Peak repetitive current
45.0
A
Max pulse width 1ms, max duty cycle 10%,
baseline power 50%
Short circuit protection set point
42
Adc
Module will shut down
Current share accuracy
5
10
%
See Parallel Operation on Page 9
Efficiency
Half load
95.2
96.0
%
See Figure 3
Full load
95.0
95.8
%
See Figure 3
Internal output inductance
1.6
nH
Internal output capacitance
48
µF
Effective value
Output overvoltage setpoint
9.3
Vdc
Module will shut down
Output ripple voltage
No external bypass
132
220
mVp-p
See Figures 2 and 5
30 µF bypass capacitor
17
mVp-p
See Figure 6
Effective switching frequency
3.10
3.20
3.30
MHz
Fixed, 1.6 MHz per phase
Line regulation
K
0.1650
1/6
0.1683
VOUT = K•VIN at no load
Load regulation
ROUT
7.5
10.0
mΩ
See Figure 16
Transient response
Voltage overshoot
200
mV
30 A load step with 100 µF CIN; See Figures 7 and 8
Response time
200
ns
See Figures 7 and 8
Recovery time
1
µs
See Figures 7 and 8
Output Specs (Conditions are at 48 Vin, full load, and 25°C ambient unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com