Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V048F080M030 Datasheet(PDF) 1 Page - Vicor Corporation

Part # V048F080M030
Description  VTM Current Multiplier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V048F080M030 Datasheet(HTML) 1 Page - Vicor Corporation

  V048F080M030 Datasheet HTML 1Page - Vicor Corporation V048F080M030 Datasheet HTML 2Page - Vicor Corporation V048F080M030 Datasheet HTML 3Page - Vicor Corporation V048F080M030 Datasheet HTML 4Page - Vicor Corporation V048F080M030 Datasheet HTML 5Page - Vicor Corporation V048F080M030 Datasheet HTML 6Page - Vicor Corporation V048F080M030 Datasheet HTML 7Page - Vicor Corporation V048F080M030 Datasheet HTML 8Page - Vicor Corporation V048F080M030 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
vicorpower.com
800-735-6200
V•I Chip Voltage Transformation Module
V048F080T030
Rev. 2.2
Page 1 of 11
Voltage
Transformation
Module
Product Description
The V048F080T030 V•I Chip Voltage Transformation
Module excels at speed, density and efficiency to meet
the demands of advanced power applications while
providing isolation from input to output. It achieves a
response time of less than 1 µs and delivers up to 30 A in
a volume of less than 0.295 in3 with unprecedented
efficiency. It may be paralleled to deliver higher power
levels at an output voltage settable from 4.34 to 9.16 Vdc.
The VTM V048F080T030’s nominal output voltage is 8
Vdc from a 48 Vdc input Factorized Bus, Vf, and is
controllable from 4.34 to 9.16 Vdc at no load, and from
4.04 to 8.89 Vdc at full load, over a Vf input range of 26
to 55 Vdc. It can be operated either open- or closed-loop
depending on the output regulation needs of the
application. Operating open-loop, the output voltage
tracks its Vf input voltage with a transformation ratio,
K = 1/6, for applications requiring an isolated output
voltage with high efficiency. Closing the loop back to an
input PRM
TM regulator or DC-DC converter enables tight
load regulation.
The 8 V VTM achieves a power density of 813 W/in3 in
a V•I Chip package compatible with standard pick-and-
place and surface mount assembly processes. The VTM’s
fast dynamic response and low noise eliminate the
need for bulk capacitance at the load, substantially
increasing system density while improving reliability
and decreasing cost.
Parameter
Values
Unit
Notes
+In to -In
-1.0 to 60
Vdc
+In to -In
100
Vdc
For 100 ms
PC to -In
-0.3 to 7.0
Vdc
VC to -In
-0.3 to 19.0
Vdc
+Out to -Out
-0.5 to 16
Vdc
Isolation voltage
2,250
Vdc
Input to output
Output current
30
A
Continuous
Peak output current
45.0
A
For 1 ms
Output power
267
W
Continuous
Peak output power
400
W
For 1 ms
Case temperature
225
°C
During reflow MSL 5
Operating junction temperature
(1)
-40 to 125
°C
T-Grade
-55 to 125
°C
M-Grade
Storage temperature
-40 to 125
°C
T-Grade
-65 to 125
°C
M-Grade
VTMTM
Current Multiplier
• 48 V to 8 V V•I Chip
TM Converter
• 30 A (45.0 A for 1 ms)
• High density – 813 W/in3
• Small footprint – 210 W/in2
• Low weight – 0.5 oz (15 g)
• Pick & Place / SMD
or Through hole
• 125°C operation (TJ)
• 1 µs transient response
• 3.5 million hours MTBF
• Typical efficiency 96%
• No output filtering required
V048F080T030
©
VTM
Note:
(1) The referenced junction is defined as the semiconductor having the highest temperature.
This temperature is monitored by a shutdown comparator.
Output Current
Designator
(=IOUT)
V
048
F
080
T
030
Input Voltage
Designator
Product Grade Temperatures (°C)
Grade
Storage Operating (TJ)
T
-40 to125 -40 to125
M
-65 to125 -55 to125
Configuration
F = J-lead
T = Through hole
Output Voltage
Designator
(=VOUT x10)
Part Numbering
Vf = 26 - 55 V
VOUT = 4.34 - 9.16 V
IOUT = 30 A
K = 1/6
ROUT = 10.0 mΩ max
Absolute Maximum Ratings
V048F080M030


Similar Part No. - V048F080M030

ManufacturerPart #DatasheetDescription
logo
Powerbox
V048F080M030 POWERBOX-V048F080M030 Datasheet
1Mb / 1P
300W DC/DC VOLTAGE TRANSFORMATION MODULE PRELIMINARY
More results

Similar Description - V048F080M030

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V048F015T100 VICOR-V048F015T100 Datasheet
1,013Kb / 11P
VTM Current Multiplier
V048F030T070 VICOR-V048F030T070 Datasheet
892Kb / 11P
VTM Current Multiplier
V048F040T050 VICOR-V048F040T050_1 Datasheet
1Mb / 11P
VTM Current Multiplier
V048F120T025 VICOR-V048F120T025 Datasheet
1,022Kb / 11P
VTM Current Multiplier
V048F480T006 VICOR-V048F480T006 Datasheet
1Mb / 11P
VTM Current Multiplier
VT048A160T015FP VICOR-VT048A160T015FP Datasheet
881Kb / 11P
VTM??Current Multiplier
VT048A240T012FP VICOR-VT048A240T012FP Datasheet
747Kb / 11P
VTM??Current Multiplier
VTM48E_040_050A00 VICOR-VTM48E_040_050A00 Datasheet
1Mb / 18P
VTM Current Multiplier
VTM48EF012T130A01 VICOR-VTM48EF012T130A01 Datasheet
1Mb / 17P
VTM Current Multiplier
VTD48EF120T025A00 VICOR-VTD48EF120T025A00 Datasheet
2Mb / 18P
VTM Current Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com