Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPD1007G Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPD1007G
Description  ADSL Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPD1007G Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPD1007G Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Electrical Parameters @ 25° C
ADSL Transformer
CSD1007G
Rev. -
2/2/01
• Designed to use with Analog Devices •
AD20MSP910 ADSL IC Chip
• Designed to meet Supplementary Insulation Requirement •
of IEC950 for 250 VAC working Voltage
• Excellent THD Characteristic •
• Isolation : 2000Vrms •
EPD1007G
E L E C T R O N I C S I N C .
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
6799 SCHOENBORN ST.
NORTH HILLS, CA 91343
Dimensions
A
B
C
D
E
F
G
H
I
K
L
M
N
P
Q
Dim.
Min.
.530
.516
.480
.405
.015
.105
.675
.030
.014
8°
.049
---
---
---
---
Max.
.512
.510
.470
.400
.010
.100
.670
.028
.012
---
.039
.051
.100
.100
.700
Nom.
(Inches)
(Millimeters)
12.45
12.85
11.68
10.03
.127
2.41
16.89
.660
.254
0°
.737
---
---
---
---
Min.
13.46
13.11
12.19
10.29
.381
2.67
17.15
.762
.356
8°
1.25
---
---
---
---
Max.
13.00
12.95
11.94
10.16
.254
2.54
17.02
.711
.305
---
.991
1.29
2.54
2.54
17.78
Nom.
.490
.506
.460
.395
.005
.095
.665
.026
.010
0°
.029
---
---
---
---
Schematic
Package
Pin 1
I.D.
Product performance is limited to specified parameters. Data is subject to change without prior notice.
F
B
A
H
G
L
K
E
C
I
Marking:
PCA
EPD1007G
D.C.
D
Longitudinal
Balance
(dB Min.)
-40
1 KHz ~
1 MHz
Pins 1-4
w/2-3 shorted
Pri. OCL
(mH ± 10%)
5
@ 10 KHz,
1 Vrms
N
M
Q
P
DCR
(
Ω Max.)
2.6
Pins 1-4
Pri.
2.6
Pins 10-7
Sec.
• Characteristics Impedance : 100
Ω •
2
1
10
3
8
4
9
7
1:1
Pri.
Sec.
16
Pins 1-4 w/2 & 3,
10-7 & 8 & 9
shorted
Leakage
Inductance
(µH Max.)
@ 100 KHz,
0.1 Vrms
Total Harmonic
Distortion
(dB Typ.)
@ 30 KHz,
4 Vrms, 100
Ω
-83
Line
Side
Chip
Side
Interwinding
Capacitance
(pF Max.)
@ 10 KHz,
1 Vrms
Insertion
Loss
(dB Max.)
@ 100 KHz,
100
Ω
Frequency
Response
(dB)
30 KHz -
1.1 MHz
-0.5
1.1
50


Similar Part No. - EPD1007G

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPD1006 PCA-EPD1006 Datasheet
17Kb / 1P
ADSL Transformer
EPD1006G PCA-EPD1006G Datasheet
47Kb / 1P
ADSL Transformer
EPD1008G PCA-EPD1008G Datasheet
23Kb / 1P
ADSL Transformer
EPD1009 PCA-EPD1009 Datasheet
38Kb / 1P
ADSL Transformer
More results

Similar Description - EPD1007G

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF0709-AD20S XFMRS-XF0709-AD20S_15 Datasheet
44Kb / 1P
ADSL TRANSFORMER
XF2068T XFMRS-XF2068T_15 Datasheet
73Kb / 1P
ADSL TRANSFORMER
XFADSL11A XFMRS-XFADSL11A_15 Datasheet
61Kb / 1P
ADSL TRANSFORMER
XFADSL13S XFMRS-XFADSL13S_15 Datasheet
62Kb / 1P
ADSL TRANSFORMER
XFADSL21S XFMRS-XFADSL21S_15 Datasheet
60Kb / 1P
ADSL TRANSFORMER
XFADSL27A XFMRS-XFADSL27A_15 Datasheet
63Kb / 1P
ADSL TRANSFORMER
XFADSL27S XFMRS-XFADSL27S_15 Datasheet
46Kb / 1P
ADSL TRANSFORMER
XFADSL48S XFMRS-XFADSL48S_15 Datasheet
68Kb / 1P
ADSL TRANSFORMER
XFADSL56 XFMRS-XFADSL56_15 Datasheet
84Kb / 1P
ADSL TRANSFORMER
XFADSL46SA XFMRS-XFADSL46SA Datasheet
51Kb / 1P
ADSL TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com