Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPD2000G Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPD2000G
Description  HDSL 2 Line Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPD2000G Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPD2000G Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Insertion
Loss
(dB Max.)
-0.5
@100 KHz
Electrical Parameters @ 25° C
HDSL 2 Line Transformer
CSD2000G
Rev. -
9/13/00
• For use with Globespan HDSL chipset •
• Designed to meet supplementary Insulation •
Requirements of IEC 950 for 250 VAC Working Voltage
• 2500 Vrms Isolation •
• Operating temperature range -40°C to +85°C •
EPD2000G
E L E C T R O N I C S I N C .
DCR
(
Ω ± 10%)
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
Schematic
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Longitudinal
Balance
(dB Min.)
-60
20 Hz-
250 KHz
3.0
OCL
(mH ± 6%)
@ 10 KHz
0.1 Vrms
Pins 1-5 with
4,2 Shorted
Drive
Side
0.21
Pins 9-7
Line
Side
2.2
Pins 1-5w/
4,2 shorted
12
Leakage
Inductance
(µH Max.)
@ 100 KHz
0.1 Vrms
Pins 1-5 with
4,2 & 9-7 Shorted
1
4
2
5
7
9
1:5.4 ± 1%
Dimensions
A
B
C
D
E
F
G
H
I
K
L
M
N
P
Q
Dim.
Min.
.530
.516
.480
.399
.015
.103
.675
.030
.014
8°
.049
---
---
---
---
Max.
.512
.510
.470
.394
.010
.098
.670
.028
.012
---
.039
.051
.098
.100
.700
Nom.
(Inches)
(Millimeters)
12.45
12.85
11.68
9.88
.127
2.36
16.89
.660
.254
0°
.737
---
---
---
---
Min.
13.46
13.11
12.19
10.13
.381
2.62
17.15
.762
.356
8°
1.25
---
---
---
---
Max.
13.00
12.95
11.94
10.00
.254
2.49
17.02
.711
.305
---
.991
1.29
.249
2.54
17.78
Nom.
.490
.506
.460
.389
.005
.093
.665
.026
.010
0°
.029
---
---
---
---
Package
Pin 1
I.D.
F
B
A
H
G
L
K
E
C
I
Marking:
PCA
EPD2000G
D.C.
D
N
M
Q
P
-90
@ 40 KHz,
12 V p-p
THD
(dB Max.)
Drive
Side
Line
Side
• Line Side Impedance : 100
Ω •
Frequency
Response
(± dB Max.)
0.5
17-600 KHz
(Ref. to 100 KHz)
Interwinding
Capacitance
(pF Max.)
50
@ 100 KHz,
0.1 Vrms
Pins 9-7 to 1-5
w/ 2, 4 Shorted


Similar Part No. - EPD2000G

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPD2004E PCA-EPD2004E Datasheet
22Kb / 1P
HDSL Transformer
More results

Similar Description - EPD2000G

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
6778 FILTRAN-6778 Datasheet
161Kb / 1P
HDSL Line Transformer
logo
Rhombus Industries Inc.
T-664 RHOMBUS-IND-T-664 Datasheet
42Kb / 1P
HDSL LINE INTERFACE TRANSFORMER
10/13/95
T-911 RHOMBUS-IND-T-911 Datasheet
41Kb / 1P
HDSL Line Interface Transformer
T-1225 RHOMBUS-IND-T-1225 Datasheet
28Kb / 1P
HDSL Line Interface Transformer
2/28/96
logo
Bothhand USA, LP.
HD-2007 BOTHHAND-HD-2007 Datasheet
292Kb / 1P
HDSL LINE TRANSFORMER
HD-2007S BOTHHAND-HD-2007S Datasheet
282Kb / 1P
HDSL LINE TRANSFORMER
HD-5624 BOTHHAND-HD-5624 Datasheet
277Kb / 1P
HDSL LINE TRANSFORMER
logo
XFMRS Inc.
X2316HM1 XFMRS-X2316HM1_15 Datasheet
60Kb / 1P
HDSL TRANSFORMER
XF1313-24HDS XFMRS-XF1313-24HDS_15 Datasheet
74Kb / 1P
HDSL TRANSFORMER
XF2311-5HD XFMRS-XF2311-5HD_15 Datasheet
57Kb / 1P
HDSL TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com