Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPE6284G Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPE6284G
Description  Fiber to 10Base-T Interface Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPE6284G Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPE6284G Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
Fiber to 10Base-T Interface Module
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Optimized for Micro Linear ML4664
• Robust construction allows for the toughest reflow processing
• Add “-RC” after part number for RoHS Compliant
EPE6284G & EPE6284G-RC
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSE6284G & -RC
Rev. Orig2
10/30/06 JD
Isolation : Meets or exceeds 802.3 IEEE Requirements •
Characteristic Filter Impedance : 100
Ω •
Common Mode
Rejection
(dB Min.)
Insertion
Loss
(dB Max.)
1-10 MHz
-1/-1
Xmit/Rcv
Return
Loss
(dB Min.)
5-10 MHz
-15/-15
Xmit/Rcv
@ 25 MHz
-5/-5
Xmit/Rcv
@ 100 MHz
Xmit/Rcv
-30/-30
@ 200 MHz
Xmit/Rcv
---/---
@ 30 MHz
-10/-10
Xmit/Rcv
Cut-Off
Frequency
(MHz)
(Typ.)
17/17
Xmit/Rcv
Package
.500
(12.70)
.035
(.889)
0°-8°
.100
(2.54)
Pad
Layout
.540
(13.72)
.040
(1.02)
.100
(2.54)
.980
(24.89)
.390
(9.91)
PCA
EPE6284G(-RC)
Date Code
Pin 1
I.D.
.700
(17.78)
.140
(3.56)
.016/.022
(.406/.559)
.100
(2.54)
Non-Cumulative
.020
(.508)
.245
(6.22)
.008/.012
(.203/.305)
@ 50 MHz
Xmit/Rcv
-40/-40
Crosstalk
(dB Min.)
-30/-30
1-10 MHz
Xmit/Rcv
Attenuation
(dB Min.)
@ 40 MHz
-16/-16
Xmit/Rcv
Schematic
1
3
2
15
14
Chip Side
UTP Side
LPF
2:1
16
6
8
7
11
10
LPF
1:1
9
Notes :
1. Lead Finish
2. Peak Temperature Rating
3. Moisture Sensitive Levels
4. Weight
5. Packaging Information
(*Add “TR” to end of part number, but
in front of “-RC”when placing order)
(Tube)
(Tape & Reel)
MSL = 4
(72 Hours,
≤30°C/60%RH)
EPE6284G-RC
245°C
1.8 grams
19 pieces/tube
550 pieces/13” reel
(*EPE6284GTR-RC)
EPE6284G
225°C
MSL = 3
(168 Hours,
≤30°C/60%RH)
1.8 grams
19 pieces/tube
550 pieces/13” reel
(*EPE6284GTR)
SnPb
Hot Tin Dip (Sn) †
† Hot tin dipped over Matte Tin with Ni Barrier


Similar Part No. - EPE6284G

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPE6288S PCA-EPE6288S Datasheet
69Kb / 1P
10 Base-T Quad Transceiver Module
EPE6289S PCA-EPE6289S Datasheet
33Kb / 2P
Miniature 10 Base-T Isolation Transformer
More results

Similar Description - EPE6284G

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA2013D PCA-EPA2013D Datasheet
26Kb / 1P
10Base-T Interface Module
EPA1533AG PCA-EPA1533AG Datasheet
147Kb / 2P
10Base-T Interface Module
EPA2214B PCA-EPA2214B Datasheet
27Kb / 1P
10Base-T Interface Module
EPE6079 PCA-EPE6079 Datasheet
189Kb / 1P
10Base-T Interface Module
EPE6333G PCA-EPE6333G Datasheet
22Kb / 1P
10Base-T/Fiber Interface Module
EPE6334G PCA-EPE6334G Datasheet
153Kb / 1P
10Base-T Interface Module
EPE6372S PCA-EPE6372S Datasheet
26Kb / 1P
10Base-T Interface Module
EPE6376S PCA-EPE6376S_09 Datasheet
70Kb / 1P
10Base-T Interface Module
EPE6381 PCA-EPE6381_09 Datasheet
62Kb / 1P
10Base-T Interface Module
EPE6010S PCA-EPE6010S Datasheet
60Kb / 1P
10Base-T Interface Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com