Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPE6367G Datasheet(PDF) 2 Page - PCA ELECTRONICS INC.

Part # EPE6367G
Description  10Base-T PCMCIA Card Module with Enhanced CMA
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPE6367G Datasheet(HTML) 2 Page - PCA ELECTRONICS INC.

  EPE6367G Datasheet HTML 1Page - PCA ELECTRONICS INC. EPE6367G Datasheet HTML 2Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The circuit below is a guideline for interconnecting PCA’s EPE6367G with transceiver chip as a reference controller.
Further details of system design, such as chip pin-out, etc. can be obtained from the specific chip manufacturer.
Typical insertion loss of the isolation transformer/filter is 0.7dB. This parameter covers the entire spectrum of the encoded
signals in 10 Base-T protocols.
The phantom resistors shown around the RJ45 connector have been known to suppress unwanted radiation that unused
wires pick up from the immediate environment. Their placement and use are to be considered carefully before a design is
finalized.
It is recommended that there be a neat separation of ground planes in the layout. It is generally accepted practice to limit
the plane off at least 0.08 inches away from the chip side pins of EPE6367G. There need not be any ground plane beyond
this point.
For best results, PCB designer should design the outgoing traces preferably to be 50
Ω, balanced and well coupled to
achieve minimum radiation from these traces.
CSE6367Gb Rev. -
9/15/99
10 Base-T PCMCIA Card Module
with Enhanced CMA
Typical Application Circuit for UTP PC Card
E L E C T R O N I C S I N C .
Notes : * Pin-outs shown are for NIC configurations.
EPE6367G
Transceiver
PHY Card
RJ45*
1
2
6
3
TX+
TXd-
RX+
RX-
EPE6367G
TX+
TX-
RX+
RX-
TX-
TXd+
Chassis
Ground
8
7
45
14
13
8
9
1
3
5
7
10
12
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
R1
R2
R3
R4
R5
R6



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com