Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG408MY/PR Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # DG408MY/PR
Description  Improved, 8-Channel/Dual 4-Channel, CMOS Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG408MY/PR Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button DG408MY/PR Datasheet HTML 4Page - Maxim Integrated Products DG408MY/PR Datasheet HTML 5Page - Maxim Integrated Products DG408MY/PR Datasheet HTML 6Page - Maxim Integrated Products DG408MY/PR Datasheet HTML 7Page - Maxim Integrated Products DG408MY/PR Datasheet HTML 8Page - Maxim Integrated Products DG408MY/PR Datasheet HTML 9Page - Maxim Integrated Products DG408MY/PR Datasheet HTML 10Page - Maxim Integrated Products DG408MY/PR Datasheet HTML 11Page - Maxim Integrated Products DG408MY/PR Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Improved, 8-Channel/Dual 4-Channel,
CMOS Analog Multiplexers
______________________________________________________________________________________
11
Ordering Information (continued)
*
Contact factory for dice specifications.
**
Contact factory for availability and processing to MIL-STD-883.
PART
TEMP RANGE
PIN-PACKAGE
DG408DK
-40°C to +85°C
16 CERDIP
DG408AK
-55°C to +125°C
16 CERDIP**
DG408MY/PR
-55°C to +125°C
16 SO***
DG408MY/PR-T
-55°C to +125°C
16 SO***
DG409CUE
0°C to +70°C
16 TSSOP
DG409CJ
0°C to +70°C
16 Plastic DIP
DG409CY
0°C to +70°C
16 Narrow SO
DG409C/D
0°C to +70°C
Dice*
DG409EUE
-40°C to +85°C
16 TSSOP
DG409DJ
-40°C to +85°C
16 Plastic DIP
DG409DK
-40°C to +85°C
16 CERDIP
DG409AK
-55°C to +125°C
12 CERDIP**
DG409MY/PR
-55°C to +125°C
16 SO***
DG409MY/PR-T
-55°C to +125°C
16 SO***
Package Information
For the latest package outline information and land patterns, go
to www.maxim-ic.com/packages.
PACKAGE TYPE
PACKAGE CODE
DOCUMENT NO.
16 TSSOP
U16-1
21-0066
16 Plastic DIP
P16-2
21-0043
16 Narrow SO
S16-5
21-0041
16 SO
S16-5
21-0041
16 CERDIP
J16-3
21-0590



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com