Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG408MY/PR-T Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DG408MY/PR-T
Description  Improved, 8-Channel/Dual 4-Channel, CMOS Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG408MY/PR-T Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DG408MY/PR-T Datasheet HTML 2Page - Maxim Integrated Products DG408MY/PR-T Datasheet HTML 3Page - Maxim Integrated Products DG408MY/PR-T Datasheet HTML 4Page - Maxim Integrated Products DG408MY/PR-T Datasheet HTML 5Page - Maxim Integrated Products DG408MY/PR-T Datasheet HTML 6Page - Maxim Integrated Products DG408MY/PR-T Datasheet HTML 7Page - Maxim Integrated Products DG408MY/PR-T Datasheet HTML 8Page - Maxim Integrated Products DG408MY/PR-T Datasheet HTML 9Page - Maxim Integrated Products DG408MY/PR-T Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Applications Information
Operation with
Supply Voltages Other than 15V
Using supply voltages less than ±15V reduces the ana-
log signal range. The DG408/DG409 switches operate
with ±5V to ±20V bipolar supplies or with a +5V to
+40V single supply. Connect V- to GND when operat-
ing with a single supply. Both device types can also
operate with unbalanced supplies, such as +24V and
-5V. The
Typical Operating Characteristics graphs
show typical on-resistance with 20V, 15V, 10V, and 5V
supplies. (Switching times increase by a factor of two or
more for operation at 5V.)
Overvoltage Protection
Proper power-supply sequencing is recommended for
all CMOS devices. Do not exceed the absolute maxi-
mum ratings, because stresses beyond the listed rat-
ings may cause permanent damage to the devices.
Always sequence V+ on first, then V-, followed by the
logic inputs, S or D. If power-supply sequencing is not
possible, add two small signal diodes in series with
supply pins for overvoltage protection (Figure 1).
Adding diodes reduces the analog signal range to 1V
below V+ and 1V above V-, but does not affect the
devices’ low switch resistance and low leakage charac-
teristics. Device operation is unchanged, and the differ-
ence between V+ and V- should not exceed +44V.
Improved, 8-Channel/Dual 4-Channel,
CMOS Analog Multiplexers
6
_______________________________________________________________________________________
______________________________________________________________Pin Description
Vg
S
D
V-
V+
DG408
DG409
Figure 1. Overvoltage Protection Using External Blocking
Diodes
PIN
DG408
DG409
NAME
FUNCTION
1, 15, 16
A0, A2, A1
Address Inputs
—
—
A0, A1
Address Inputs
2
2
EN
Enable Input
3
3
V-
Negative Supply Voltage Input
4–7
—
S1–S4
Bidirectional Analog Inputs
—
4–7
S1A–S4A
Bidirectional Analog Inputs
8
—
D
Bidirectional Analog Output
—
8, 9
DA, DB
Bidirectional Analog Outputs
9–12
—
S8–S5
Bidirectional Analog Inputs
—
10–13
S4B–S1B
Bidirectional Analog Inputs
13
14
V+
Positive Supply Voltage Input
14
15
GND
Ground
1, 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com