Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPF8048G Datasheet(PDF) 2 Page - PCA ELECTRONICS INC.

Part # EPF8048G
Description  100 Base-X Interface Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPF8048G Datasheet(HTML) 2 Page - PCA ELECTRONICS INC.

  EPF8048G Datasheet HTML 1Page - PCA ELECTRONICS INC. EPF8048G Datasheet HTML 2Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CSF8048Gb
Rev. 1
1/7/97
100 Base-X Interface Module
The circuit below is a guideline for interconnecting PCA’s EPF8048G with ML6692 or ML6694 chip applications. Further
details can be obtained from the chip manufacturer application notes.
Typical insertion loss of the isolation transformer is 0.5dB. This parameter covers the entire spectrum of the encoded
signals in 100 BX protocol. Under terminated conditions, to transmit a 2V pk-pk signal across the cable, you must adjust
the chips supporting resistor to get at least 2.12V pk-pk across the transmit pins.
Note that in the 100 BX application, you do not need a split primary. The reason is that there is no 10 Base T to negotiate.
The receiver side can be terminated as shown or by a single 100 ohms with primary center tap taken to ground via a suitible
cap.Note that in the 100 BX application, you do not need a split primary. The reason is that there is no 10 Base-T to
negotiate. The receiver side can be terminated as shown or by a single 100 ohms with primary center tap taken to ground
via a suitible cap. NOTE THAT THIS PART DOES NOT HAVE A TRANSMIT CHANNEL CENTER TAP ON THE CABLE SIDE.
Sufficient common mode attenuation is provided by the high performance common mode chokes on chip side as well as the
cable side thus making this part easy to manufacture at reduced costs. A proper system board design may allow some
users to benefit from this simplified structure of the transmit channel.
The phantom resistors shown around the connector have been known to suppress unwanted radiation that unused wires
pick up from the immediate environment. Their placement and use are to be considered carefully before a design is
finalized.
It is recommended that there be a neat separation of ground planes in the layout. It is generally accepted practice to limit
the plane off at least 0.05 inches away from the chip side pins of EPF8048G. There need not be any ground plane beyond
this plane.
For best results, PCB designer should design the outgoing traces preferably to be 50
Ω, balanced and well coupled to
achieve minimum radiation from these traces.
Typical Application Circuit for UTP
EPF8048G
E L E C T R O N I C S I N C .
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
Notes : * NIC Side is shown. Hub side connection will swap pins 3-6 with 1-2.
ML6692
or
ML6694
RJ45*
1
2
6
3
4
5
7
8
TX+
TX-
RX+
RX-
Chassis
Ground
50
Ω
50
Ω
EPF8048G
Xmit
Rcv
3
Capacitor
+5V
1
2
16
15
8
7
9
10
.1
µF
14



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com