Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPF8058S Datasheet(PDF) 2 Page - PCA ELECTRONICS INC.

Part # EPF8058S
Description  10/100 Base-X Module for ICS 1890 & SSI 78Q2120 Multi-Port Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPF8058S Datasheet(HTML) 2 Page - PCA ELECTRONICS INC.

  EPF8058S Datasheet HTML 1Page - PCA ELECTRONICS INC. EPF8058S Datasheet HTML 2Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CSF8058Sb
Rev. 1
3/20/97
10/100 Base-X Module for
ICS 1890 & SSI 78Q2120
Multi-Port Applications
EPF8058S
E L E C T R O N I C S I N C .
The circuit below is a guideline for interconnecting PCA’s EPF8058S with ICS 1890 chip for 10/100 Mb/s applications.
Further details can be obtained from the chip manufacturer application notes. Connection to the alternative chip
SSI 78Q2120 is straight forward; please consult the SSI data sheet recommendations for completing this project.
Typical insertion loss of the isolation transformer is 0.5dB. This parameter covers the entire spectrum of the encoded
signals in 10/100 protocols. Under terminated conditions, to transmit a 2V pk-pk signal across the cable, you must adjust
the chips supporting resistor to get at least 2.12V pk-pk across the transmit pins.
Primary side center tap can be returned to the chip side ground plane; but more often than not, if the ground plane is itself
noisy, field experience has shown that it may worsen EMI situation. It is perhaps wiser to carefully lay the system board
so that substantial gain in EMI suppression is obtained from the so called “common mode termination” on the cable side as
shown below. In any event, this configuration has been known to be quite successful in the field in EMI containment for
similar applications.
The phantom resistors shown around the connector have been known to suppress unwanted radiation that unused wires
pick up from the immediate environment. Their placement and use are to be considered carefully before a design is
finalized.
It is recommended that there be a neat separation of ground planes in the layout. It is generally accepted practice to limit
the plane off at least 0.05 inches away from the chip side pins of EPF8058S. There need not be any ground plane beyond
this plane.
For best results, PCB designer should design the outgoing traces preferably to be 50
Ω, balanced and well coupled to
achieve minimum radiation from these traces.
Typical Application Circuit for UTP (only one port shown)
Notes : Only one port shown for Hub side connection.
ICS
1890
RJ45*
1
2
6
3
4
5
7
8
TX+
TX-
RX+
RX-
Chassis
Ground
50
Ω
50
Ω
75
Ω
EPF8058S
High Voltage
Capacitor
CM Capacitor
5Vcc
3
5
1
2
40
36
37
39
38
Rcv
Xmit
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com