Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1390 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS1390
Description  Low-Voltage SPI/3-Wire RTCs with Trickle Charger
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1390 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS1390_09 Datasheet HTML 1Page - Maxim Integrated Products DS1390_09 Datasheet HTML 2Page - Maxim Integrated Products DS1390_09 Datasheet HTML 3Page - Maxim Integrated Products DS1390_09 Datasheet HTML 4Page - Maxim Integrated Products DS1390_09 Datasheet HTML 5Page - Maxim Integrated Products DS1390_09 Datasheet HTML 6Page - Maxim Integrated Products DS1390_09 Datasheet HTML 7Page - Maxim Integrated Products DS1390_09 Datasheet HTML 8Page - Maxim Integrated Products DS1390_09 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Low-Voltage SPI/3-Wire RTCs with
Trickle Charger
2
_____________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED DC OPERATING CONDITIONS
(VCC = VCC(MIN) to VCC(MAX), TA = -40°C to +85°C, unless otherwise noted. Typical values are at nominal supply voltage and TA = +25°C,
unless otherwise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage Range on VCC Pin Relative to Ground .....-0.3V to +6.0V
Voltage Range on Inputs Relative
to Ground ...............................................-0.3V to (VCC + 0.3V)
Operating Temperature Range ...........................-40
°C to +85°C
Storage Temperature Range .............................-55°C to +125°C
Soldering Temperature...........................Refer to the IPC/JEDEC
J-STD-020 Specification.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DS139x-33
2.97
3.3
5.50
DS139x-3
2.7
3.0
3.3
Supply Voltage (Note 2)
VCC
DS139x-18
1.71
1.8
1.89
V
Logic 1
VIH
(Note 2)
0.7 x
VCC
VCC +
0.5
V
Logic 0
VIL
(Note 2)
-0.3
+0.3 x
VCC
V
Supply Voltage, Pullup
SQW/
INT, SQW, INT, VCC = 0V
VPU
(Note 2)
5.5
V
-33
1.3
3.0
VCC(MAX)
-3
1.3
3.0
3.7
VBACKUP Voltage (Note 2)
VBACKUP
-18
1.3
3.0
3.7
V
-33
2.70
2.88
2.97
-3
2.45
2.6
2.70
Power-Fail Voltage (Note 2)
VPF
-18
1.51
1.6
1.71
V
R1
(Notes 3, 4)
250
R2
(Notes 3, 5)
2000
Trickle-Charge Current-Limiting
Resistors
R3
(Notes 3, 6)
4000
Input Leakage
ILI
(Note 7)
-1
+1
μA
I/O Leakage
ILO
(Note 8)
-1
+1
μA
RST Pin I/O Leakage
ILORST
(Note 9)
-200
+10
μA
-33, -3 (VOH = 0.85 x VCC)
-1
DOUT Logic 1 Output
IOHDOUT
-18 (VOH = 0.80 x VCC)
0.750
mA
-33, -3 (VOL = 0.15 x VCC)
3
DOUT Logic 0 Output
IOHDOUT
-18 (VOL = 0.20 x VCC)
2
mA
VCC > 1.71V; VOL = 0.4V
3.0
mA
Logic 0 Output
(DS1390/DS1393/DS1394
SQW/
INT; DS1392 SQW, INT;
DS1391/DS1393
RST)
IOLSIR
1.3V < VCC < 1.71V; VOL = 0.4V
250
μA
-33
2
-3
2
mA
VCC Active Supply Current
(Note 10)
ICCA
-18
500
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com