Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPF8074G Datasheet(PDF) 2 Page - PCA ELECTRONICS INC.

Part # EPF8074G
Description  10/100 LAN Interface Module for PC Card Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPF8074G Datasheet(HTML) 2 Page - PCA ELECTRONICS INC.

  EPF8074G Datasheet HTML 1Page - PCA ELECTRONICS INC. EPF8074G Datasheet HTML 2Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CSF8074Gb
Rev.
8/6/97
10/100 LAN Interface Module for
PC Card Applications
The circuit below is a guideline for interconnecting PCA’s EPF8074G with QSI6611 and QSI6612 chip set for 10/100 Mb/s
applications. Further details can be obtained from the chip manufacturer application notes.
Typical insertion loss of the isolation transformer is 0.5dB. This parameter covers the entire spectrum of the encoded
signals in 10/100 protocols. Under terminated conditions, to transmit a 2V pk-pk signal across the cable, you must adjust
the chip’s supporting resistor to get at least 2.12V pk-pk across the transmit pins.
It is recommended that system designers do not use the receiver side center tap to ground, via a capacitor. This may
worsen EMI, specifically if the secondary “common mode termination” is pulled to chassis ground as shown.
The phantom resistors shown around the connector have been known to suppress unwanted radiation that unused wires
pick up from the immediate environment. Their placement and use are to be considered carefully before a design is
finalized.
The “common mode termination” load of 75
Ω shown from the center taps of the secondary may be taken to chassis ground
via a cap of suitable value. This depends upon user’s design, EMI margin etc.
It is recommended that there be a neat separation of ground planes in the layout. It is generally accepted practice to limit
the plane off at least 0.05 inches away from the chip side pins of EPF8074G. There need not be any ground plane beyond
this point.
For best results, PCB designer should design the outgoing traces preferably to be 50
Ω, balanced and well coupled to
achieve minimum radiation from these traces.
Typical Application Circuit for UTP
Notes : * NIC Side is shown. Hub side connection will have crossover swapping pins 3-6 & 1-2.
QSI66
11
or
QSI66
12
RJ45*
1
2
6
3
4
5
7
8
TX+
TX-
RX+
RX-
Chassis
Ground
50
Ω
50
Ω
75
Ω
75
Ω
Node
Pinout
EPF8074G
High Voltage
Capacitor
9
10
12
13
14
8
6
5
3
2
7
25
Ω
25
Ω
CM Capacitor
+5V
EPF8074G
E L E C T R O N I C S I N C .
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com