Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPF8076 Datasheet(PDF) 2 Page - PCA ELECTRONICS INC.

Part # EPF8076
Description  High Speed LAN Interface Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPF8076 Datasheet(HTML) 2 Page - PCA ELECTRONICS INC.

  EPF8076 Datasheet HTML 1Page - PCA ELECTRONICS INC. EPF8076 Datasheet HTML 2Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CSF8076b
Rev. -
8/22/97
High Speed LAN Interface Module
The circuit below is a guideline for interconnecting PCA’s EPF8076 with a typical 100 BX PHY chip for 100 Mb/s applications
over UTP cable. Further details of system design, such as chip pin-out, etc. should be obtained from the specific chip
manufacturer. The package is a minature SIP, built for convenience of dense board designs for both NIC’s and multiport
applications. Each port requires two such devices.
Typical insertion loss of the isolation transformer is 0.5dB. This parameter covers the entire spectrum of the encoded
signals in 100/155 protocols. Under terminated conditions, to transmit a 2V pk-pk signal across the cable, you must adjust
the specific chip preset template control resistors to get at least 2.12V pk-pk across the transmit side input pins.
It is recommended that system designers do not ground the receiver side center tap, via a capacitor. This may worsen
EMI, specifically if the secondary “common mode termination” is pulled to chassis ground as shown.
Pulling unused pins on the RJ45 to chassis via 50
Ω has been known to suppress unwanted radiation that unused wires
pick up from the immediate environment. Their placement and use are to be considered carefully before a design is
finalized.
The “common mode termination” load of 75
Ω shown from the center taps of the secondary may be taken to chassis ground
via a suitable cap. This depends upon the user’s design, EMI margin, etc.
It is recommended that there be a neat separation of ground planes in the layout. It is generally accepted practice to limit
the plane off at least 0.05 inches away from pins of EPF8076 the chip side. There need not be any ground plane beyond
this point.
For best results, the PCB designer should design the outgoing traces preferably to be 50
Ω, balanced and well coupled to
achieve minimum radiation from these traces.
Typical Application Circuit for 100 BX over UTP
EPF8076
Notes : * Pin-outs shown are for DCE configurations : e.g. Hubs, Repeaters
E L E C T R O N I C S I N C .
100BX
PHY
RJ45*
1
2
6
3
RX+
RX-
TX+
TX-
75
Ω
EPF8076
Rcv
5
1
2
2
1
.01 µƒ
2 kV
7
5
6
7
6
75
Ω
.01 µƒ
2 kV
EPF8076
Vcc
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pcainc.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com