Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2741 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS2741
Description  Current Monitor and Accumulator with Integrated Sense Resistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2741 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS2741_09 Datasheet HTML 1Page - Maxim Integrated Products DS2741_09 Datasheet HTML 2Page - Maxim Integrated Products DS2741_09 Datasheet HTML 3Page - Maxim Integrated Products DS2741_09 Datasheet HTML 4Page - Maxim Integrated Products DS2741_09 Datasheet HTML 5Page - Maxim Integrated Products DS2741_09 Datasheet HTML 6Page - Maxim Integrated Products DS2741_09 Datasheet HTML 7Page - Maxim Integrated Products DS2741_09 Datasheet HTML 8Page - Maxim Integrated Products DS2741_09 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Current Monitor and Accumulator with
Integrated Sense Resistor
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
(TA = -20°C to +70°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage Range on VCC Relative to GND ...............-0.5V to +6.0V
Voltage Range on SDA, SCL,
RS+, RS-, SLP Relative to GND.....-0.5V to (VCC + 0.5V), not to
exceed +6.0V
Continuous Internal Sense Resistor Current ......................
±2.7A
Pulsed Internal Sense Resistor
Current ..................................
±10A for <100µs/s, <1000 pulses
Operating Temperature Range ...........................-20°C to +70°C
Storage Temperature Range .............................-55°C to +125°C
Soldering Temperature...........................Refer to the IPC/JEDEC
J-STD-020 Specification.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
(Note 1)
2.5
4.5
V
Input Logic-High: SCL, SDA
VIH
1.5
V
Input Logic-Low: SCL, SDA
VIL
0.4
V
Input Logic-High:
SLP
VIH
0.7 x
VCC
V
Input Logic-Low:
SLP
VIL
0.3 x
VCC
V
Power-Up Ramp Time from
0V to VCCMIN
tRAMP
25
ms
DC ELECTRICAL CHARACTERISTICS
(2.5V
≤ VCC ≤ 4.5V, TA = -20°C to +70°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Active Current
IACTIVE
SLP = SCL = SDA = VCC
60
90
μA
Sleep-Mode Current
ISLEEP
SLP = 0V
1
2
μA
Output Logic-Low: SDA
VOL
IOL = 4mA (Note 1)
0.4
V
Internal Current-Sense Resistor
Value
RSNS
+25°C
38
45
m
Current Resolution
ILSB
2.64
mA
Current Full-Scale Magnitude
IFS
(Note 2)
2.54
2.7
A
Current-Sense Accuracy at +25°C
ATL
ISENSE at 1.5A
±1
±3
%
Current-Sense Accuracy from
0°C to +70°C
ATL
ISENSE at 1.5A
±2
±5
%
Current Sampling Rate
tCSR
(Note 3)
200
μs
Accumulator Resolution
qCA
0.247
mAh
tERR1
(Note 4)
±1
±3
Internal Time-Base Accuracy
tERR2
(Note 4)
±6.5
%
Current-Sense Offset
Measured with RS+ and RS- shorted
-20
+20
mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com