Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2780 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS2780
Description  Standalone Fuel Gauge IC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2780 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS2780_09 Datasheet HTML 1Page - Maxim Integrated Products DS2780_09 Datasheet HTML 2Page - Maxim Integrated Products DS2780_09 Datasheet HTML 3Page - Maxim Integrated Products DS2780_09 Datasheet HTML 4Page - Maxim Integrated Products DS2780_09 Datasheet HTML 5Page - Maxim Integrated Products DS2780_09 Datasheet HTML 6Page - Maxim Integrated Products DS2780_09 Datasheet HTML 7Page - Maxim Integrated Products DS2780_09 Datasheet HTML 8Page - Maxim Integrated Products DS2780_09 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
DS2780 Standalone Fuel Gauge IC
2 of 31
ABSOLUTE MAXIMUM RATINGS
Voltage Range on Any Pin Relative to VSS
-0.3V to +6.0V
Voltage on VIN Relative to VSS
-0.3V to (VDD + 0.3V)
Operating Temperature Range
-40°C to +85°C
Storage Temperature Range
-55°C to +125°C
Soldering Temperature (10s)
See JEDEC J-STD-020
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is
not implied. Exposure to the absolute maximum rating conditions for extended periods may affect device reliability.
RECOMMENDED DC OPERATING CHARACTERISTICS
(VDD = 2.5V to 4.5V, TA = -20°C to +70°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VDD
(Note 1)
+2.5
+4.5
V
OVD Voltage
(Note 1)
-0.3
+4.5
V
DQ, PIO Voltage Range
(Note 1)
-0.3
+5.5
V
DC ELECTRICAL CHARACTERISTICS
(VDD = 2.5V to 4.5V, TA = -20°C to +70°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
2.5V ≤ VDD ≤ 4.2V
65
95
ACTIVE Current
IACTIVE
105
µA
SLEEP Mode Current
ISLEEP
2.5V ≤ VDD ≤ 4.2V
1
3
µA
Input Logic High: DQ, PIO
VIH
(Note 1)
1.5
V
Input Logic Low: DQ, PIO
VIL
(Note 1)
0.6
V
Output Logic Low: DQ, PIO
VOL
IOL = 4mA (Note 1)
0.4
V
Pulldown Current: DQ, PIO
IPD
VDQ, VPIO = 0.4V
0.2
µA
Input Logic High: OVD
VIH
(Note 1)
VDD –
0.2
V
Input Logic Low: OVD
VIL
(Note 1)
VSS + 0.2
V
VIN Input Resistance
RIN
15
M
DQ Capacitance
CDQ
50
pF
DQ SLEEP Timeout
tSLEEP
DQ < VIL (Note 5)
1.5
2.0
2.5
s
Undervoltage SLEEP
Threshold
VSLEEP
(Note 1)
2.40
2.45
2.50
V
ELECTRICAL CHARACTERISTICS: TEMPERATURE, VOLTAGE, CURRENT
(VCC = 2.5V to 4.5V, TA = -20°C to +70°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Temperature Resolution
TLSB
0.125
°C
Temperature Error
TERR
±3
°C
Voltage Resolution
VLSB
4.88
mV
Voltage Full-Scale
VFS
0
4.992
V
Voltage Error
VERR
±50
mV
Current Resolution
ILSB
1.56
µV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com