Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2782 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS2782
Description  Stand-Alone Fuel Gauge IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2782 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS2782_09 Datasheet HTML 1Page - Maxim Integrated Products DS2782_09 Datasheet HTML 2Page - Maxim Integrated Products DS2782_09 Datasheet HTML 3Page - Maxim Integrated Products DS2782_09 Datasheet HTML 4Page - Maxim Integrated Products DS2782_09 Datasheet HTML 5Page - Maxim Integrated Products DS2782_09 Datasheet HTML 6Page - Maxim Integrated Products DS2782_09 Datasheet HTML 7Page - Maxim Integrated Products DS2782_09 Datasheet HTML 8Page - Maxim Integrated Products DS2782_09 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
DS2782
2 of 28
ABSOLUTE MAXIMUM RATINGS
Voltage Range on Any Pin Relative to VSS
-0.3V to +6.0V
Voltage Range on VIN Relative to VSS
-0.3V to (VDD + 0.3V)
Operating Temperature Range
-40°C to +85°C
Storage Temperature Range
-55°C to +125°C
Soldering Temperature
Refer to the IPC/JEDEC J-STD-020 Specification.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is
not implied. Exposure to the absolute maximum rating conditions for extended periods may affect device reliability.
RECOMMENDED DC OPERATING CHARACTERISTICS
(VDD = 2.5V to 4.5V; TA = -20°C to +70°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VDD
(Note 1)
+2.5
+4.5
V
SCL, VIN Voltage Range
(Note 1)
-0.3
+4.5
V
SDA, PIO Voltage Range
(Note 1)
-0.3
+5.5
V
DC ELECTRICAL CHARACTERISTICS
(VDD = 2.5V to 4.5V; TA = -20°C to +70°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
2.5V ≤ VDD ≤ 4.2V
65
95
ACTIVE Current
IACTIVE
105
A
SLEEP Mode Current
ISLEEP
2.5V ≤ VDD ≤ 4.2V
1
3
A
Input Logic-High:
SDA, SCL, PIO
VIH
(Note 1)
1.5
V
Input Logic-Low:
SDA, SCL, PIO
VIL
(Note 1)
0.6
V
Output Logic-Low:
SDA, PIO
VOL
IOL = 4mA (Note 1)
0.4
V
Pulldown Current:
SDA, SCL, PIO
IPD
VSDA, VSCL, VPIO =
0.4V
0.2
A
VIN Input Resistance
RIN
15
M
Bus Low to Sleep Time
tSLEEP
SDA, SCL < VIL
(Note 2)
2.2
s
Undervoltage SLEEP
Threshold
VSLEEP
(Note 1)
2.40
2.45
2.50
V
ELECTRICAL CHARACTERISTICS: TEMPERATURE, VOLTAGE, CURRENT
(VCC = 2.5V to 4.5V; TA = -20°C to +70°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Temperature Resolution
TLSB
0.125
°C
Temperature Error
TERR
±3
°C
Voltage Resolution
VLSB
4.88
mV
Voltage Full-Scale
VFS
0
4.5
V
Voltage Error
VERR
±50
mV
Current Resolution
ILSB
1.56
V
Current Full-Scale
IFS
±51.2
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com