Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2784 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS2784
Description  1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2784 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS2784_09 Datasheet HTML 1Page - Maxim Integrated Products DS2784_09 Datasheet HTML 2Page - Maxim Integrated Products DS2784_09 Datasheet HTML 3Page - Maxim Integrated Products DS2784_09 Datasheet HTML 4Page - Maxim Integrated Products DS2784_09 Datasheet HTML 5Page - Maxim Integrated Products DS2784_09 Datasheet HTML 6Page - Maxim Integrated Products DS2784_09 Datasheet HTML 7Page - Maxim Integrated Products DS2784_09 Datasheet HTML 8Page - Maxim Integrated Products DS2784_09 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
DS2784: 1-Cell Stand-Alone Fuel Gauge IC with Li+ Protector and SHA-1 Authentication
2 of 42
ABSOLUTE MAXIMUM RATINGS
Voltage Range on PLS Pin Relative to VSS
-0.3V to +18V
Voltage Range on CP Pin Relative to VSS
-0.3V to +12V
Voltage Range on DC Pin Relative to VSS
-0.3V to (CP + 0.3V)
Voltage Range on CC Pin Relative to VSS
VDD - 0.3V to CP + 0.3V
Voltage Range on All Other Pins Relative to VSS
-0.3V to +6.0V
Maximum Voltage Range on VIN Pin Relative to VDD
VDD + 0.3V
Continuous Sink Current, PIO, DQ
20mA
Continuous Sink Current, CC, DC
10mA
Operating Temperature Range
-40°C to +85°C
Storage Temperature Range
-55°C to +125°C
Soldering Temperature (10s)
Refer to the IPC/JEDEC J-STD-020 Specification.
This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operation sections
of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect reliability.
ELECTRICAL CHARACTERISTICS
(VDD = 2.5V to 4.6V, TA = -20C to +70C, unless otherwise noted. Typical values are at TA = +25C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VDD
(Note 1)
+2.5
+4.6
V
IDD0
Sleep mode
1
4
IDD1
Sleep mode, VDD = 2.5V
0
C to +50C
0.4
1.5
IDD2
Active mode
85
125
A
Supply Current
IDD3
Active mode during SHA
computation
300
500
A
Temperature Accuracy
-3
+3
Temperature Resolution
0.125
Temperature Range
-128.000
+127.875
oC
4.0 ≤ VIN ≤ 4.6,
VIN ≤ VDD + 0.3V
-30
30
Voltage Accuracy, VIN
2.5 ≤ VIN ≤ 4.6V,
VIN ≤ VDD + 0.3V
-50
+50
mV
Voltage Resolution, VIN
4.88
mV
Voltage Range, VIN
0
4.6
V
Input Resistance, VIN
15
M
Current Resolution
1.56
V
Current Full Scale
-51.2
+51.2
mV
Current Gain Error
-1
+1
% full
scale
Current Offset
(Notes 2, 3, 4)
-15
+25
V
Accumulated Current Offset
(Notes 2, 3, 4)
-360
0
Vh/day
0ºC ≤ TA ≤ +50ºC
-2
+2
Time Base Error
-3
+3
%
CP Output Voltage
VCP
ICC + IDC = 0.9µA
8.50
9.25
10.00
V
CP Startup Time
tSCP
CE = 0, DE = 0,
CCP = 0.1µF, Active mode
200
ms
Output High: CC, DC
VOHCC
VOHDC
IOH = -100µA (Note 5)
VCP - 0.4
V
Output Low: CC
VOLCC
IOL = 100µA
VDD + 0.1
V
Output Low: DC
VOLDC
IOL = 100µA
0.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com