Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2786 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS2786
Description  Stand-Alone OCV-Based Fuel Gauge
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2786 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS2786_09 Datasheet HTML 1Page - Maxim Integrated Products DS2786_09 Datasheet HTML 2Page - Maxim Integrated Products DS2786_09 Datasheet HTML 3Page - Maxim Integrated Products DS2786_09 Datasheet HTML 4Page - Maxim Integrated Products DS2786_09 Datasheet HTML 5Page - Maxim Integrated Products DS2786_09 Datasheet HTML 6Page - Maxim Integrated Products DS2786_09 Datasheet HTML 7Page - Maxim Integrated Products DS2786_09 Datasheet HTML 8Page - Maxim Integrated Products DS2786_09 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
DS2786 Stand-Alone OCV-Based Fuel Gauge
2 of 22
ABSOLUTE MAXIMUM RATINGS
Voltage Range on All Pins Except VPROG Relative to VSS
-0.3V to +6V
Voltage Range on VPROG Relative to VSS
-0.3V to +18V
Operating Temperature Range
-40°C to +85°C
Storage Temperature Range
-55°C to +125°C
Soldering Temperature
Refer to the IPC/JEDECJ-STD-020 Specification.
This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the
operation sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods of
time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(2.5V
 VDD  4.5V, TA = -20C to +70C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VDD
(Note 1)
+2.5
+4.5
V
Data I/O Pins
SCL, SDA
(Note 1)
-0.3
+4.5
V
Programming Pin
VPROG
(Note 1)
-0.3
+15.5
V
VIN, AIN0, AIN1 Pin
VIN, AIN0,
AIN1
(Note 1)
-0.3
VDD + 0.3
V
DC ELECTRICAL CHARACTERISTICS
(2.5V
 VDD  4.5V, TA = -20C to +70C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Active Current
IACTIVE
50
75
A
VDD = 2.0V,
SCL, SDA = VSS
0.3
1.0
Sleep-Mode Current
ISLEEP
SCL, SDA = VSS
1
3
A
Current Measurement
Resolution
ILSB
DS2786
25
V
Current Measurement
Full-Scale Magnitude
IFS
(Note 1)
±51.2
mV
Current Measurement
Offset Error
IOERR
DS2786 (Note 2)
-50
+50
V
Current Measurement
Gain Error
IGERR
-1.5
+1.5
% of
reading
VDD = 3.6V at +25°C
-1
+1
TA = 0C to +70C
-2
+2
Timebase Accuracy
tERR
TA = -20C to +70C
-3
+3
%
VDD = VIN = 3.6V,
TA = 0C to +50C
-10
+10
Voltage Error
VGERR
TA = -20C to +70C
-20
+20
mV
Input Resistance
VIN, AIN0, AIN1
RIN
15
MΩ
AIN0, AIN1 Error
-8
+8
LSB
VOUT Output Drive
IO = 1mA
VDD - 0.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com