Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2788 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS2788
Description  Stand-Alone Fuel-Gauge IC with LED Display Drivers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2788 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS2788_09 Datasheet HTML 1Page - Maxim Integrated Products DS2788_09 Datasheet HTML 2Page - Maxim Integrated Products DS2788_09 Datasheet HTML 3Page - Maxim Integrated Products DS2788_09 Datasheet HTML 4Page - Maxim Integrated Products DS2788_09 Datasheet HTML 5Page - Maxim Integrated Products DS2788_09 Datasheet HTML 6Page - Maxim Integrated Products DS2788_09 Datasheet HTML 7Page - Maxim Integrated Products DS2788_09 Datasheet HTML 8Page - Maxim Integrated Products DS2788_09 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
Stand-Alone Fuel-Gauge IC with
LED Display Drivers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED DC OPERATING CHARACTERISTICS
(VDD = 2.5V to 4.5V, TA = -25°C to +70°C, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage Range on Any Pin Relative to VSS..............-0.3V to +6.0V
Voltage Range on VIN, VMA Relative to VSS ...-0.3V to VDD + 0.3V
DVSS to VSS .....................................................................-0.3V to +0.3V
LED1–5.................................................................60mA each pin
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-55°C to +125°C
Soldering Temperature (10s) ................Refer to IPC/JEDEC-020
Specification.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VDD
(Note 1)
+2.5
+4.5
V
VIN, VMA Voltage Range
(Note 1)
0
VDD
V
DQ, PIO, OVD, LED1–LED5
Voltage Range
(Note 1)
0
+5.5
V
DC ELECTRICAL CHARACTERISTICS
(VDD = 2.5V to 4.5V, TA = -25°C to +70°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
2.5V
VDD
4.2V
70
95
ACTIVE Current
IACTIVE
105
μA
SLEEP Mode Current
ISLEEP
1
3
μA
Input Logic-High: DQ, PIO
VIH
(Note 1)
1.5
V
Input Logic-Low: DQ, PIO
VIL
(Note 1)
0.6
V
Output Logic-Low: DQ, PIO, VMA
VOL
IOL = 4mA (Note 1)
0.4
V
Output Logic-High: VMA
VOH
IOH = 1mA (Note 1)
VDD -
0.5
V
VMA Precharge Time
tPRE
13.3
14.2
ms
Pulldown Current: DQ, PIO
IPD
VDQ, VPIO = 0.4V
0.2
5
μA
Output Logic-Low: LED1–LED5
VOL
IOL = -30mA (Note 1)
1
V
Input Logic-High: OVD
VIH
(Note 1)
VDD -
0.2
V
Input Logic-Low: OVD
VIL
(Note 1)
VSS +
0.2
V
VIN Input Resistance
RIN
15
M
DQ SLEEP Timeout
tSLEEP
DQ < VIL
1.8
2.0
2.2
s
Undervoltage SLEEP Threshold
VSLEEP
(Note 1)
2.40
2.45
2.50
V
PIO Switch Debounce
100
130
ms
LED1 Display Blink Rate
50% duty cycle
0.9
1.0
1.1
Hz
LED Display-On Time
3.6
4.0
4.4
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com