Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS8500 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS8500
Description  HART Modem
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS8500 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS8500_09 Datasheet HTML 1Page - Maxim Integrated Products DS8500_09 Datasheet HTML 2Page - Maxim Integrated Products DS8500_09 Datasheet HTML 3Page - Maxim Integrated Products DS8500_09 Datasheet HTML 4Page - Maxim Integrated Products DS8500_09 Datasheet HTML 5Page - Maxim Integrated Products DS8500_09 Datasheet HTML 6Page - Maxim Integrated Products DS8500_09 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HART Modem
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED DC OPERATING CONDITIONS
(VDVDD = VAVDD = 2.7V to 3.6V, TA = -40°C to +85°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: Specifications to -40°C are guaranteed by design and are not production tested.
Note 2: Active currents are measured when the device is driven by an external clock XCEN = 1 condition.
Note 3: Guaranteed by design and not production tested.
Note 4: Accuracy is guaranteed based on the external crystal or clock provided.
Voltage Range on All Pins (including AVDD,
DVDD) Relative to Ground .................................-0.5V to +3.6V
Voltage Range on Any Pin Relative to
Ground Except AVDD, DVDD .............-0.5V to (VDVDD + 0.5V)
Operating Temperature Range ...........................-40
°C to +85°C
Storage Temperature Range .............................-65
°C to +150°C
Soldering Temperature...........................Refer to the IPC/JEDEC
J-STD-020 Specification.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Digital Supply Voltage
VDVDD
2.7
3.6
V
Analog Supply Voltage
VAVDD
VAVDD = VDVDD
2.7
3.6
V
Ground
GND
AGND = DGND
0
0
V
Digital Power-Fail Reset Voltage
VRST
Monitors VDVDD
2.59
2.64
2.69
V
Active Current
IDD
VAVDD = VDVDD = 2.7V (Note 2)
285
μA
Input Low Voltage
VIL
DGND
0.30 x
VDVDD
V
Input High Voltage
VIL
0.75 x
VDVDD
VDVDD
V
Output Low Voltage
VOL
IOL = 4mA
DGND
0.4
V
Output High Voltage
VOH
IOH = -4mA
0.8 x
VDVDD
V
I/O Pin Capacitance
CIO
Guaranteed by design (Note 3)
15
pF
RST Pullup Resistance
RRST
19
45
k
Input Leakage Current XTAL,
RST
IILRX
-30
+30
μA
Input Leakage Current All Other
Pins
IIL
-2
+2
μA
Input Low Current for
RST
IIL1
VIN = 0.4V
170
μA
CLOCK SOURCE
External Clock Frequency
fHFIN
-1%
3.6864
+1%
MHz
VOLTAGE REFERENCE
Internal Reference Voltage
VREF
1.23
V
FSK INPUT
Input Voltage Range at FSK_IN
0
VREF
V
FSK OUTPUT
Output Voltage at FSK_OUT
VOUT
AC-coupled max 30k
load
400
500
600
mVP-P
For a mark
-1%
1200
+1%
Frequency of FSK_OUT (Note 4)
For a space
-1%
2200
+1%
Hz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com