Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHR-HT2010 Datasheet(PDF) 1 Page - RHOPOINT COMPONENTS

Part # CHR-HT2010
Description  High Temperature Chip Resistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

CHR-HT2010 Datasheet(HTML) 1 Page - RHOPOINT COMPONENTS

  CHR-HT2010 Datasheet HTML 1Page - RHOPOINT COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SRT Resistor Technology
www.rhopointcomponents.com
sales@rhopointcomponents.com
High Temperature Chip Resistors
Draft
Type:
CHR-HT, CHS-HT, CHM-HT
Sizes:
0603, 0805, 1206, 1210, 2010, 2512, 4020
The SRT chip resistor series CHR, CHS und CHM with the extensipn –HT
are available for the working temperature range up to 300°C.
Features:
• High temperature applications up to 300°C
• Chip resistors in thick film technology
• PtAg-terminals
• Suitable for conductive epoxy applications and soldering
• Suitable for high vacuum applicatons – no organics
• Non-magnetic
Dimensions / Technical data:
Dimensions and data are conform with the data of the basic series CHR, CHS and CHM
(shown in the particular data sheets).
Speciality:
• TCR is valid for the temperature range +25°C …+125°C
• The final measuring of the resistors takes place at room temperature (independent of TCR)
• Please pay attention to the interconnection technology at high temperature applications.
• Temperature range:
-55°C ... +300°C
• Climatic category acc. to EN 60068-1
55/300/56
Packaging:
Bulk in plastic bags – minimum quantity 100 pieces per value
Blistertape acc. to IEC 60286-3 – minimum 1000 pieces per value
Reel diameter 180 mm or 330 mm
Ordering Data:
Type – HT – value – tolerance – TCR – packaging
Example: CHR-HT 0805 100K
±10% TCR250 Tape 180 mm
Not trimmed parts are indicated by the extension “NA” in the order code:
Type – HT – value – tolerance – NA – TCR - packaging
Example: CHS-HT 4020 10G
±10% NA TCR250 Tape 180 mm
If no requirements for TCR and taping are given, the highest value in table will be supplied and
packaging is bulk.
Issue 06-2008
NEW


Similar Part No. - CHR-HT2010

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
CHR SYSTEMSENSOR-CHR Datasheet
411Kb / 4P
Selectable Output Chimes and Chime/Strobes
logo
Riedon Powertron
CHR RIEDON-CHR Datasheet
142Kb / 2P
Non-magnetic Chip Resistors
logo
United Monolithic Semic...
CHR0100A UMS-CHR0100A Datasheet
159Kb / 6P
5.8GHz I/Q Mixer
CHR0100A99F/00 UMS-CHR0100A99F/00 Datasheet
159Kb / 6P
5.8GHz I/Q Mixer
CHR0100ASJF/24 UMS-CHR0100ASJF/24 Datasheet
159Kb / 6P
5.8GHz I/Q Mixer
More results

Similar Description - CHR-HT2010

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
PFCHT WELWYN-PFCHT Datasheet
168Kb / 2P
High Temperature TaNFilm짰 Chip Resistors
logo
RCD COMPONENTS INC.
FC1206-10R0-GB302 RCD-FC1206-10R0-GB302 Datasheet
25Kb / 1P
TEMPERATURE SENSITIVE CHIP RESISTORS
logo
IRC - a TT electronics ...
TKC-HTC-1206LF-1R00-J IRCTT-TKC-HTC-1206LF-1R00-J Datasheet
284Kb / 2P
High Temperature Thick Film Chip Resistors
PFC-W0603HT-01-1001-J IRCTT-PFC-W0603HT-01-1001-J Datasheet
374Kb / 2P
High Temperature TaNFilm Chip Resistors
logo
Riedon Powertron
HVS RIEDON-HVS Datasheet
208Kb / 2P
High Voltage / High Temperature Thick Film Chip Resistors
CBR0402 RIEDON-CBR0402 Datasheet
188Kb / 2P
High Temperature Bondable Thick Film Chip Resistors
HVS0805 RIEDON-HVS0805_13 Datasheet
173Kb / 2P
High Voltage / High Temperature Thick Film Chip Resistors
HVS0805-100KJ8 RIEDON-HVS0805-100KJ8 Datasheet
112Kb / 2P
High Voltage / High Temperature Thick Film Chip Resistors
HVS0805-150MK8 RIEDON-HVS0805-150MK8 Datasheet
112Kb / 2P
High Voltage / High Temperature Thick Film Chip Resistors
HVS1206-100KJ8 RIEDON-HVS1206-100KJ8 Datasheet
112Kb / 2P
High Voltage / High Temperature Thick Film Chip Resistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com