Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX253C/D Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX253C/D
Description  Transformer Driver for Isolated RS-485 Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX253C/D Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX253C/D Datasheet HTML 3Page - Maxim Integrated Products MAX253C/D Datasheet HTML 4Page - Maxim Integrated Products MAX253C/D Datasheet HTML 5Page - Maxim Integrated Products MAX253C/D Datasheet HTML 6Page - Maxim Integrated Products MAX253C/D Datasheet HTML 7Page - Maxim Integrated Products MAX253C/D Datasheet HTML 8Page - Maxim Integrated Products MAX253C/D Datasheet HTML 9Page - Maxim Integrated Products MAX253C/D Datasheet HTML 10Page - Maxim Integrated Products MAX253C/D Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Transformer Driver for
Isolated RS-485 Interface
_______________________________________________________________________________________
7
C3
0.1µF
C1
0.1µF
C2
22µF
ISO 5V
ISOLATION
BARRIER
3.3V
VIN
MAX253
D1
D2
GND1
GND2
VCC
1
8
6
27
N.C.
5
1N5817
1N5817
C5
0.1µF
SD
4
ON / OFF
390
Ω
*74HC04
DE
RO
390
Ω
*74HC04
DI
3.3k
Ω
1
3
5
4
6
1
2
4
3
5
4
1
3
6
*74HC04
*74HC04 OR EQUIVALENT
** SEE TABLE 2
MAX667
5
64
SHDN
SET
GND
MAX481
MAX483
MAX485
MAX487
5
2
RE
GND
C4
22µF
IN
OUT
82
1N5817
390
Ω
4
3
1
8
6
7
DI
DE
RO
A
B
PC410 / 417
PC357T
PC410 / 417
1N5817
FS
3
ICT:2.1CT**
VCC
3.3k
Ω
3.3k
Ω
485
I/O
Figure 4. Typical RS-485 Application Circuit, 3.3V Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com