Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3465CSD Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3465CSD
Description  5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3465CSD Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3465CSD Datasheet HTML 1Page - Maxim Integrated Products MAX3465CSD Datasheet HTML 2Page - Maxim Integrated Products MAX3465CSD Datasheet HTML 3Page - Maxim Integrated Products MAX3465CSD Datasheet HTML 4Page - Maxim Integrated Products MAX3465CSD Datasheet HTML 5Page - Maxim Integrated Products MAX3465CSD Datasheet HTML 6Page - Maxim Integrated Products MAX3465CSD Datasheet HTML 7Page - Maxim Integrated Products MAX3465CSD Datasheet HTML 8Page - Maxim Integrated Products MAX3465CSD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
+5V, Fail-Safe, 40Mbps, Profibus RS-485/
RS-422 Transceivers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +5V ±5%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5V and TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VCC) to GND ..................................-0.3V to +6V
Control Input Voltage (RE, DE, DI, SHDN, TXP, RXP)
to GND....................................................-0.3V to (VCC + 0.3V)
Driver Output Voltage (Y, Z) to GND .........................-8V to +13V
Receiver Input Voltage (A, B) to GND.......................-8V to +13V
Differential Driver Output Voltage (Y - Z) ...............................±8V
Differential Receiver Input (A - B) ..........................................±8V
Receiver Output Voltage (RO) to GND.......-0.3V to (VCC + 0.3V)
Output Driver Current (Y, Z) ...........................................±250mA
Continuous Power Dissipation (TA = +70°C)
8-Pin SO (derate 5.88mW/°C above +70°C)................471mW
8-Pin DIP (derate 9.09mW/°C above +70°C) ...............727mW
14-Pin SO (derate 8.33mW/°C above +70°C)..............667mW
14-Pin DIP (derate 10mW/°C above +70°C) ................800mW
Operating Temperature Range
MAX346_C__ ......................................................0°C to +70°C
MAX346_E__....................................................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Power-Supply Range
VCC
4.75
5.25
V
DRIVER
Differential Driver Output
(No Load)
VOD
Figure 5, R =
∞
VCC
V
Differential Driver Output
VOD
Figure 5, R = 27
Ω
2.1
V
Change in Magnitude of
Differential Output Voltage
ΔVOD
Figure 5, R = 50
Ω or 27Ω (Note 2)
0.2
V
Driver Common-Mode Output
Voltage
VOC
Figure 5, R = 50
Ω or 27Ω
3V
Change in Magnitude of
Common-Mode Voltage
ΔVOC
Figure 5, R = 50
Ω or 27Ω (Note 2)
0.2
V
Input High Voltage
VIH
DE, DI, RE, SHDN
2.0
V
Input Low Voltage
VIL
DE, DI, RE, SHDN
0.8
V
Input Hysteresis
VHYS
DE, DI, RE, SHDN
50
mV
VIN = +12V
+125
Output Leakage (Y and Z) Full
Duplex
IO
DE = GND, VCC =
GND or +5.25V
VIN = -7V
-100
µA
Input Current
IIN
DI, RE, DE, SHDN
±1µA
Pulldown Current
RXP = TXP = VCC
515
30
µA
0
≤ VOUT ≤ +12V, output low
+250
Driver Short-Circuit Output
Current (Note 3)
IOSD
-7V
≤ VOUT ≤ VCC, output high
-250
mA
(VCC - 1V)
≤ VOUT ≤ +12V, output low
+25
Driver Short-Circuit Foldback
Output Current (Note 3)
IOSFD
-7V
≤ VOUT ≤ +1V, output high
-25
mA
Thermal Shutdown Threshold
140
°C
RECEIVER
Differential Input Capacitance
CA, B
Between A and B
8
pF
VIN = +12V
+250
Input Current (A and B) Full
Duplex
IA, B
DE = GND,
VCC = GND or +5.25V
VIN = -7V
-200
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com