Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4162ESA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4162ESA
Description  UCSP, Micropower, Single-Supply, 10V, Rail-to-Rail I/O Op Amps
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4162ESA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4162ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4162ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4162ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4162ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4162ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4162ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4162ESA Datasheet HTML 11Page - Maxim Integrated Products MAX4162ESA Datasheet HTML 12Page - Maxim Integrated Products MAX4162ESA Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
UCSP, Micropower, Single-Supply, 10V,
Rail-to-Rail I/O Op Amps
_______________________________________________________________________________________
9
Pin Description
SO
1, 5, 8
3
4
—
7
6
IN
2V/div
OUT
2V/div
NONINVERTING
LARGE-SIGNAL PULSE RESPONSE
(VDD = 5V, CL = 1500pF)
MAX4162-32
100µs/div
VDD = 5V, VIN = 4V, RL = 100kΩ to VDD/2,
CL = 1500pF
0
-160
0.1
1
10
100
1000
MAX4163/MAX4164
CROSSTALK vs. FREQUENCY
-140
FREQUENCY (kHz)
-100
-120
-60
-80
-20
-40
SOT23
—
3
2
—
5
1
Typical Operating Characteristics (continued)
(VDD = 5V, VSS = 0, VCM = VDD/2, TA = +25°C, unless otherwise noted.)
MAX4162
—
—
—
4
8
1
MAX4163
—
C2
—
A2
A1
No Connection. Not internally connected.
—
Amplifier Noninverting Input
Negative Power Supply
Amplifier Output
Positive Power Supply
Amplifier A Output
N.C.
IN+
VSS
OUT
VDD
OUTA
INA-
—
Amplifier A Inverting Input
—
2
B1
IN-
2
Amplifier Inverting Input
4
—
—
INA+
—
Amplifier A Noninverting Input
—
3
C1
INB+
—
Amplifier B Noninverting Input
—
5
C3
INB-
—
Amplifier B Inverting Input
—
6
B3
OUTB
—
Amplifier B Output
—
7
A3
OUTC
—
Amplifier C Output
—
—
—
INC-
—
Amplifier C Inverting Input
—
—
—
INC+
—
Amplifier C Noninverting Input
—
—
—
IND+
—
Amplifier D Noninverting Input
—
—
—
IND-
—
Amplifier D Inverting Input
—
—
—
OUTD
—
Amplifier D Output
—
—
—
NAME
FUNCTION
MAX4164
—
—
11
—
4
1
2
—
3
5
6
7
8
9
10
12
13
14
PIN
SO
SO/µMAX
UCSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com