Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4434 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4434
Description  Single-Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4434 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4434 Datasheet HTML 1Page - Maxim Integrated Products MAX4434 Datasheet HTML 2Page - Maxim Integrated Products MAX4434 Datasheet HTML 3Page - Maxim Integrated Products MAX4434 Datasheet HTML 4Page - Maxim Integrated Products MAX4434 Datasheet HTML 5Page - Maxim Integrated Products MAX4434 Datasheet HTML 6Page - Maxim Integrated Products MAX4434 Datasheet HTML 7Page - Maxim Integrated Products MAX4434 Datasheet HTML 8Page - Maxim Integrated Products MAX4434 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Single-Supply, 150MHz, 16-Bit Accurate,
Ultra-Low Distortion Op Amps
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = +5V, VEE = 0, RL =
∞ to VCC/2, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VCC - VEE) ...................................................+6V
Differential Input Voltage .......................................................+2V
Input Voltage Range ........................(VCC + 0.3V) to (VEE - 0.3V)
Current into Any Input Pin.................................................±25mA
Output Short-Circuit Duration to VCC or VEE ...................(Note 1)
Continuous Power Dissipation (TA = +70°C)
5-Pin SOT23 (derate 7.1mW/°C above +70°C) ..........571mW
8-Pin SO (derate 5.88mW/°C above +70°C)...............471mW
8-Pin µMAX (derate 4.5mW/°C above +70°C) ........... 330mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Note 1: The MAX4434–MAX4437 are not protected for output short-circuit conditions.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Common-Mode Voltage
Range
VCM
Guaranteed by CMRR test
VEE
VCC - 1
V
Input Offset Voltage
VOS
1
3.5
mV
Input Offset Voltage
Temperature Coefficient
TCVOS
4
µV/°C
Input Offset Voltage Matching
MAX4436/MAX4437
0.25
mV
Input Bias Current
IB
14
22
µA
Input Offset Current
IOS
15
µA
Differential Mode
-10mV
≤ VIN ≤ +10mV
1k
Ω
Input Resistance
RIN
Common Mode
0
≤ VCM ≤ (VCC - 1V)
1.7
M
Ω
Common-Mode Rejection Ratio
CMRR
VEE
≤ VCM ≤ (VCC - 1V)
75
100
dB
(VEE + 0.25)
≤ VOUT ≤ (VCC -
0.25), RL = 10k
Ω
100
115
Open-Loop Gain
AVOL
(VEE + 0.5)
≤ VOUT ≤ (VCC -
0.5), RL = 500
Ω
96
110
dB
VCC - VOH
65
200
Output Voltage Swing
VOUT
RL = 10k
Ω
VOL - VEE
15
70
mV
Sinking
40
65
Output Current
IOUT
RL = 20
Ω to
Ground
Sourcing
35
60
mA
Output Short-Circuit Current
ISC
Sinking or sourcing
±70
mA
DC Power-Supply Rejection
Ratio
PSRR
VCC = +4.5V to +5.5V
85
110
dB
Operating Supply Voltage
VS
Guaranteed by PSRR test
+4.5
+5.5
V
Quiescent Supply Current
(Per Amplifier)
IS
15
18
mA
Note 2: All devices are 100% production tested at +25°C. Specifications over temperature limits are guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com